Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0290 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 29Page - STMicroelectronics UM0290 Datasheet HTML 30Page - STMicroelectronics UM0290 Datasheet HTML 31Page - STMicroelectronics UM0290 Datasheet HTML 32Page - STMicroelectronics UM0290 Datasheet HTML 33Page - STMicroelectronics UM0290 Datasheet HTML 34Page - STMicroelectronics UM0290 Datasheet HTML 35Page - STMicroelectronics UM0290 Datasheet HTML 36Page - STMicroelectronics UM0290 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
UM0290
Device firmware upgrade
33/76
4.4
Reconfiguration phase
Once the operator has identified the device and supplied the filename, the host and the
device must negotiate to perform the upgrade.
●
The host issues a DFU_DETACH request to Control Endpoint EP0.
●
The host issues a USB reset to the device. This USB Reset is not possible on some PC
Host OS versions. To bypass this issue, the USB reset is performed by the MCU
depending on the corresponding implementation.
●
The device enumerates with the DFU Mode descriptor set, as described above.
Note:
1
In some device applications, such as motor control or security systems, it could be the case
that USB is not used in the application run-time mode, and USB might only be used for
memory upgrade. These devices are called non-USB applications in the scope of this
document and the above sequences are not applicable.
2
Non-USB applications have to carry out the right procedure to enter DFU mode. This can be
done simply by plugging the USB cable or by jumping to the DFU firmware code while
performing an USB reset so that the device enumerates with the DFU descriptor set.
4.5
Transfer phase
The transfer phase begins after the device has processed the USB reset and exported the
DFU Mode descriptor set. Both downloads and uploads of firmware can take place during
this phase. This transfer phase consists of a succession of DFU requests according to the
state diagram described in the following sections.
4.5.1
Requests
A number of DFU class-specific requests are needed to accomplish the upgrade/upload
operations. Table 9 summarizes these requests.
For additional information about these requests, please refer to the DFU Class specification.
Table 9.
Summary of DFU upgrade/upload requests
bmRequest
bRequest
wValue
wIndex
wLength
Data
00100001b
DFU_DNLOAD (1)
wBlockNum
Interface
Length
Firmware
10100001b
DFU_UPLOAD (2)
wBlockNum
Interface
Length
Firmware
10100001b
DFU_GETSTATUS(3)
Zero
Interface
6
Status
00100001b
DFU_CLRSTATUS (4)
Zero
Interface
Zero
None
10100001b
DFU_GETSTATE (5)
Zero
Interface
1
State
00100001b
DFU_ABORT (6)
Zero
Interface
Zero
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com