Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0290 Datasheet(PDF) 44 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 40Page - STMicroelectronics UM0290 Datasheet HTML 41Page - STMicroelectronics UM0290 Datasheet HTML 42Page - STMicroelectronics UM0290 Datasheet HTML 43Page - STMicroelectronics UM0290 Datasheet HTML 44Page - STMicroelectronics UM0290 Datasheet HTML 45Page - STMicroelectronics UM0290 Datasheet HTML 46Page - STMicroelectronics UM0290 Datasheet HTML 47Page - STMicroelectronics UM0290 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
Mass storage demo
UM0290
44/76
Figure 11.
Hardware and firmware interaction diagram
The hardware configuration layer is represented by the two files HW_config.c and
HW_config.h. For the Mass Storage demo, the hardware management layer manages the
following hardware requirements:
●
System and USB IP clock configuration
●
Read and write LEDs configuration
●
LEDs command
●
Get the characteristics of the memory medium (the block size and the memory
capacity)
5.3.2
Endpoint configurations and data management
This section provides a description of the configuration and the data flow according to the
transfer mode.
Endpoint configurations
The endpoint configurations should be done after each USB reset event, so this part of code
is implemented in the function MASS_Reset (file usp_prop.c).
The default endpoint (pipe 0) configuration is the same for the two transfer modes.
To configure the endpoint 0 it is necessary to:
●
Configure the Endpoint 0 as default control endpoint
●
Configure the Endpoint 0 Rx and Tx count and buffer addresses (in the BTABLE)
●
Configure the Endpoint Rx status to VALID and the Tx status to NAK.
Hardware Config interface
Hardware (STR + evaluation board)
USB IP
USB Library
USB Application
Standard
Library



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com