Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0290 Datasheet(PDF) 43 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 39Page - STMicroelectronics UM0290 Datasheet HTML 40Page - STMicroelectronics UM0290 Datasheet HTML 41Page - STMicroelectronics UM0290 Datasheet HTML 42Page - STMicroelectronics UM0290 Datasheet HTML 43Page - STMicroelectronics UM0290 Datasheet HTML 44Page - STMicroelectronics UM0290 Datasheet HTML 45Page - STMicroelectronics UM0290 Datasheet HTML 46Page - STMicroelectronics UM0290 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
UM0290
Mass storage demo
43/76
5.3
Mass storage demo implementations
The STR7/9 USB IP presents two modes for the bulk transfer: simple and double buffer
modes. So describe these two modes this demo provides two different implementations,
one for each mode. The major difference between the two implementations is the data
transfer management.
This chapter presents the two implementations supported by the demo.
5.3.1
Hardware configuration interface
The hardware configuration interface is a layer between the USB application (in our case the
Mass Storage demo) and the internal/external hardware of the STR microcontroller. This
internal and external hardware is managed by the STR Standard Software Library, so from a
firmware point of view, the hardware configuration interface is the firmware layer between
the USB application and the standard library. Figure 11 shows the interaction between the
different firmware components and the hardware environment.
Start Stop Unit
0x1B
M
Enable or disable the Logical Unit for
media access operations and controls
certain power conditions
RBC
Test Unit Ready
0x00
M
Request the device to report if it is ready
SPC-2
Verify (10)
0x2F
M
Verify data on the media
RBC
Write (10)
0x2A
M
Transfer binary data from the host to the
media
RBC
Command Support key: M = support is mandatory, O = support is optional
1.
This table doesn’t show all the SCSI commands. For more information please refer to the SPC and RBC
specifications.
Table 14.
SCSI Command Set(1) (continued)
Command Name
OpCode
Command
Support
Description
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com