Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD70F3003A Datasheet(PDF) 15 Page - NEC

Part # UPD70F3003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3003A Datasheet(HTML) 15 Page - NEC

Back Button UPD70F3003A Datasheet HTML 11Page - NEC UPD70F3003A Datasheet HTML 12Page - NEC UPD70F3003A Datasheet HTML 13Page - NEC UPD70F3003A Datasheet HTML 14Page - NEC UPD70F3003A Datasheet HTML 15Page - NEC UPD70F3003A Datasheet HTML 16Page - NEC UPD70F3003A Datasheet HTML 17Page - NEC UPD70F3003A Datasheet HTML 18Page - NEC UPD70F3003A Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
µPD70F3003A, 70F3025A
15
Data Sheet U13189EJ3V0DS00
Capacitance (TA = 25
°C, VDD = VSS = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input capacitance
CI
fc = 1 MHz
15
pF
I/O capacitance
CIO
Pins other than tested pin: 0 V
15
pF
Output capacitance
CO
15
pF
Operating Conditions
Operation Mode
Internal Operating Clock Frequency (
φ)
Operating Temperature (TA)
Supply Voltage (VDD)
Direct mode,
2 to 33 MHzNote 1
–40 to +85
°C
5.0 V
± 10%
PLL mode
5 to 33 MHzNote 2
–40 to +85
°C
5.0 V
± 10%
Notes 1. When A/D converter not used.
2. When A/D converter used.
DC Characteristics (TA = –40 to +85
°C, VDD = 5.0 V ± 10%, VSS = 0 V)
(1/2)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input voltage, high
VIH
Except X1 and Note 1
2.2
VDD + 0.3
V
Note 1
0.8 VDD
VDD + 0.3
V
Input voltage, low
VIL
Except X1 and Note 1
–0.5
+0.8
V
Note 1
–0.5
0.2 VDD
V
Clock input voltage, high
VXH
X1
0.8 VDD
VDD + 0.5
V
Clock input voltage, low
VXL
X1
–0.5
0.6
V
Schmitt trigger input threshold voltage
VT
+
Note 1, rising
3.0
V
VT
–
Note 1, falling
2.0
V
Schmitt trigger input hysteresis width
VT
+
– VT
–
Note 1
0.5
V
Output voltage, high
VOH
IOH = –2.5 mA
0.7 VDD
V
IOH = –100
µAVDD – 0.4
V
Output voltage, low
VOL
IOC = 2.5 mA
0.45
V
Input leakage current, high
ILIH
VI = VDD
10
µA
Input leakage current, low
ILIL
VI = 0 V
–10
µA
Output leakage current, high
ILOH
VO = VDD
10
µA
Output leakage current, low
ILOL
VO = 0 V
–10
µA
Software pull-up resistor
R
P35/INTP131/SO3,
15
40
90
k
Ω
P36/INTP132/SI3,
P37/INTP133/SCK3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com