Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4030 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4030
Description  Triacs and SCRs are power semiconductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4030 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4030 Datasheet HTML 2Page - STMicroelectronics AN4030 Datasheet HTML 3Page - STMicroelectronics AN4030 Datasheet HTML 4Page - STMicroelectronics AN4030 Datasheet HTML 5Page - STMicroelectronics AN4030 Datasheet HTML 6Page - STMicroelectronics AN4030 Datasheet HTML 7Page - STMicroelectronics AN4030 Datasheet HTML 8Page - STMicroelectronics AN4030 Datasheet HTML 9Page - STMicroelectronics AN4030 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Gate to cathode capacitor, impact on dV/dt immunity
AN4030
6/15
Doc ID 022635 Rev 1
Figure 5.
SCR dV/dt increase versus added gate to cathode capacitor
1.3
Behavior of Triacs regarding dV/dt
A Triac silicon structure differs from an SCR structure. First, Triacs can conduct current in
both directions. A Triac is equivalent to 2 SCRs back-to-back with a common gate. The real
gate area of the reverse SCR is on the opposite side of the gate terminal connection (see
Figure 6).
Figure 6.
Triac simplified silicon structure
This device can turn on with dV/dt slope in direct or in reverse. When a positive dV/dt static
is applied on A2, the device SCR1 can improve its immunity with a gate to cathode capacitor
or gate to cathode resistor. With this polarity the device is equivalent to an SCR. It’s really
efficient for a sensitive Triac which has a high value internal R1GK (see Figure 7). The
external gate to cathode capacitor or gate to cathode resistor is then in parallel and
improves immunity. When the positive dV/dt slope is applied on A1, there is no possibility to
reinforce this immunity. The gate electrode is on opposite side and there is no possibility to
add an external component in parallel with internal R2GK.
dV/dt [CGK] / dV/dt [RGK = 220 ]
Ω
0.0
2.5
5.0
7.5
10.0
12.5
15.0
0
20
100
160
200
C GK (nF)
VD = 0.67 x VDRM
Tj=125°C
RGK=220 Ω
40
60
80
120
140
180
N3
N1
P2
N2
P1
N4
A2
A1
G
P2
N2
P1
G
K
A
SCR1
A
K
SCR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com