Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4030 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4030
Description  Triacs and SCRs are power semiconductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4030 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4030 Datasheet HTML 7Page - STMicroelectronics AN4030 Datasheet HTML 8Page - STMicroelectronics AN4030 Datasheet HTML 9Page - STMicroelectronics AN4030 Datasheet HTML 10Page - STMicroelectronics AN4030 Datasheet HTML 11Page - STMicroelectronics AN4030 Datasheet HTML 12Page - STMicroelectronics AN4030 Datasheet HTML 13Page - STMicroelectronics AN4030 Datasheet HTML 14Page - STMicroelectronics AN4030 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Gate to cathode capacitor, impact on dI/dt capability
AN4030
12/15
Doc ID 022635 Rev 1
Figure 9.
Sequence of events during Triac switch-on in quadrant 2
Even if the Triac is driven in zero voltage switch mode, a spurious turn-on could appear and
a high dI/dt could run through pilot SCR. A gate to cathode capacitor could increase the
failure rate as explained above. For example, for the sensitive logic level Triac described in
Section 1.4, non repetitive dI/dt capability robustness in Q2 is divided by around 2 with a
gate to cathode capacitor: 360 A/µS with CGK = 200 nF and 670 A/µs without gate to
cathode capacitor.
This behavior is not linked to the Triac technology but directly linked to the internal device.
So, whatever the technology, a gate to cathode capacitor will decrease dI/dt capability in
repetitive or in accidental mode.
N3
P2
N2
P1
N1
P2
N2
P1
A2
A1
G
-
++
I G
I
T
I C
CGK
R
G
1
2
4
3
N4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com