Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4038 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 2Page - STMicroelectronics AN4038 Datasheet HTML 3Page - STMicroelectronics AN4038 Datasheet HTML 4Page - STMicroelectronics AN4038 Datasheet HTML 5Page - STMicroelectronics AN4038 Datasheet HTML 6Page - STMicroelectronics AN4038 Datasheet HTML 7Page - STMicroelectronics AN4038 Datasheet HTML 8Page - STMicroelectronics AN4038 Datasheet HTML 9Page - STMicroelectronics AN4038 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Test setup overview
AN4038
6/39
Doc ID 022686 Rev 1
Environmental variation
●
Variation in the power supply level can disrupt the sensor measurement and cause
unwanted proximity detection.
●
Temperature and humidity variations modify the electrical field of the sensor and affect
the proximity detection range.
●
Designers with applications which are influenced by one of these parameters and
which are susceptible to large variation should consider and evaluate the impact on the
proximity sensing solution. The system should guarantee the stability of the detection
to avoid any false detection.
Special care should be taken of the above factors to ensure stability of the systems.
Excessive increase of a sensor’s sensitivity can cause an unstable system and trigger
unwanted proximity detection.
2
Test setup overview
All information provided in this application note is based on tests performed using different
hardware boards.
2.1
Sensor performance measurements
The sensor performance measurements presented below were made using very basic
sensors. These sensors were designed so that only one parameter was changed in each
test series (length, width, clearance gap, etc). In this way, the influence of the ‘control’
parameter was clearly evaluated.
The sensors used for the tests are shown in Figure 1, Figure 2, Figure 3, and Figure 4.
During testing, the sensors were connected to an STM8TL5xxx controller board:
MCD10-016.
Figure 1.
Sensor board - Tx/Rx electrode spacing test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com