Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4038 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 20Page - STMicroelectronics AN4038 Datasheet HTML 21Page - STMicroelectronics AN4038 Datasheet HTML 22Page - STMicroelectronics AN4038 Datasheet HTML 23Page - STMicroelectronics AN4038 Datasheet HTML 24Page - STMicroelectronics AN4038 Datasheet HTML 25Page - STMicroelectronics AN4038 Datasheet HTML 26Page - STMicroelectronics AN4038 Datasheet HTML 27Page - STMicroelectronics AN4038 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Proximity sensor design
AN4038
24/39
Doc ID 022686 Rev 1
4.4
Electrode size and shape
The sensor size and shape define the detection area. The size of the sensor should be
defined to be in line with the size of the object to be detected. With a capacitive projected
technology, the size of the object to be detected has a small influence on the detection area.
The detection area is defined by the projected capacitance field which is determined by two
electrodes designs. Figure 23 shows the detection area with a hand compared to a finger
approach.
Figure 23.
Hand versus finger detection area
Generally, we can consider that the object size does not influence the detection area if its
size is in the same range or greater than the electrode field.
On the other hand, if the size of the object to be detected is smaller than the electrode size,
the detection range is lower. In fact, if the object covers only a part of the projected
capacitance field, its influence is smaller. In this case, the variation on the acquisition signal
is lower and the detection range is less than with a higher triggered object
(see Table 6).
In conclusion, the size of the object to be detected (e.g. a hand or a finger) has very little
influence on the detection area (Figure 23) but, it does influence detection distance
(
Table 6).
The shape of the sensor influences the proximity detection area (see Figure 24) which
compares three electrodes of equivalent size but different shape.
Table 6.
Detection range versus hand or finger approach
Object
Detection range (mm)
Hand
36
Finger
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com