Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4038 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 8Page - STMicroelectronics AN4038 Datasheet HTML 9Page - STMicroelectronics AN4038 Datasheet HTML 10Page - STMicroelectronics AN4038 Datasheet HTML 11Page - STMicroelectronics AN4038 Datasheet HTML 12Page - STMicroelectronics AN4038 Datasheet HTML 13Page - STMicroelectronics AN4038 Datasheet HTML 14Page - STMicroelectronics AN4038 Datasheet HTML 15Page - STMicroelectronics AN4038 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
STM8TL5xxx sensitivity setting
AN4038
12/39
Doc ID 022686 Rev 1
3.2
Target reference
The target reference determines the gain of the system. The influence of the target
reference on the detection distance is illustrated in Figure 8. This test was performed with a
fixed detection threshold value using sensor #10 (see Figure 2).
Figure 8.
Detection distance versus target reference with fixed detection threshold
Note:
The detection threshold value is fixed at 30 regardless of the target reference.
The higher the target reference is, the better the detection distance is. Increasing the target
reference, also increases the acquisition time as more charge transfer cycles are required.
The choice of sensitivity directly influences noise on the acquisition signal. Noise increases
when sensitivity increases. Figure 9 shows the influence of the target reference on the noise
standard deviation and on the maximum noise delta variation (signal - reference). This test
was performed using sensor #10 (see Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com