Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0312 Datasheet(PDF) 137 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 133Page - STMicroelectronics RM0312 Datasheet HTML 134Page - STMicroelectronics RM0312 Datasheet HTML 135Page - STMicroelectronics RM0312 Datasheet HTML 136Page - STMicroelectronics RM0312 Datasheet HTML 137Page - STMicroelectronics RM0312 Datasheet HTML 138Page - STMicroelectronics RM0312 Datasheet HTML 139Page - STMicroelectronics RM0312 Datasheet HTML 140Page - STMicroelectronics RM0312 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 275 page
background image
DocID022352 Rev 3
137/275
RM0312
16-bit general purpose timer (TIM2/TIM3)
170
One pulse mode
One Pulse Mode (OPM) is a particular case of the previous modes. It allows the counter to
be started in response to a stimulus and to generate a pulse with a programmable length
after a programmable delay.
Starting the counter can be controlled through the clock/trigger controller. Generating the
waveform can be done in output compare mode or PWM mode. You select One Pulse Mode
by setting the OPM bit in the TIMx_CR1 register. This makes the counter stop automatically
at the next update event UEV.
A pulse can be correctly generated only if the compare value is different from the counter
initial value. Before starting (when the timer is waiting for the trigger), the configuration must
be:
In up-counting: CNT<CCRi
≤ ARR (in particular, 0<CCRi),
In down-counting: CNT>CCRi.
Figure 59. Example of one pulse mode
For example you may want to generate a positive pulse on OC1 with a length of tPULSE and
after a delay of tDELAY as soon as a positive edge is detected on the TI2 input pin.
Let’s use IC2 as trigger 1:
Map IC2 on TI2 by writing CC2S=0b01 in the TIMx_CCMR2 register.
IC2 must detect a rising edge, write CC2P=’0’ in the TIMx_CCER1 register.
Configure IC2 as trigger for the clock/trigger controller (TRGI) by writing TS=0b110 in
the TIMx_SMCR register.
IC2 is used to start the counter by writing SMS to 0b110 in the TIMx_SMCR register
(trigger mode).
TI2
t
0
TIMx_ARR
TIMx_CCR1
OC1
tDELAY
tPULSE
OC1REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com