Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0312 Datasheet(PDF) 141 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 137Page - STMicroelectronics RM0312 Datasheet HTML 138Page - STMicroelectronics RM0312 Datasheet HTML 139Page - STMicroelectronics RM0312 Datasheet HTML 140Page - STMicroelectronics RM0312 Datasheet HTML 141Page - STMicroelectronics RM0312 Datasheet HTML 142Page - STMicroelectronics RM0312 Datasheet HTML 143Page - STMicroelectronics RM0312 Datasheet HTML 144Page - STMicroelectronics RM0312 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 275 page
background image
DocID022352 Rev 3
141/275
RM0312
16-bit general purpose timer (TIM2/TIM3)
170
Encoder interface mode acts simply as an external clock with direction selection. This
means that the counter just counts continuously between 0 and the auto-reload value in the
TIMx_ARR register (0 to ARR or ARR down to 0 depending on the direction). So you must
configure TIMx_ARR before starting. In the same way, the capture, compare, prescaler,
trigger output features continue to work as normal. Encoder mode and External clock mode
2 are not compatible and must not be selected together.
In this mode, the counter is modified automatically following the speed and the direction of
the incremental encoder and its content, therefore, always represents the encoder’s
position. The count direction correspond to the rotation direction of the connected sensor.
The table summarizes the possible combinations, assuming TI1 and TI2 don’t switch at the
same time.
An external incremental encoder can be connected directly to the MCU without external
interface logic. However, comparators will normally be used to convert the encoder’s
differential outputs to digital signals. This greatly increases noise immunity. The third
encoder output which indicate the mechanical zero position, may be connected to an
external interrupt input and trigger a counter reset.
The Figure 62 gives an example of counter operation, showing count signal generation and
direction control. It also shows how input jitter is compensated where both edges are
selected. This might occur if the sensor is positioned near to one of the switching points. For
this example we assume that the configuration is the following:
CC1S = 0b01 (TIMx_CCMR1 register, IC1 mapped on TI1).
CC2S = 0b01 (TIMx_CCMR2 register, IC2 mapped on TI2).
CC1P = 0 (TIMx_CCER1 register, IC1 non-inverted, IC1=TI1).
CC2P = 0 (TIMx_CCER2 register, IC2 non-inverted, IC2=TI2).
SMS = 0b011 (TIMx_SMCR register, both inputs are active on both rising and falling
edges).
CEN = 1 (TIMx_CR1 register, Counter is enabled).
Table 34. Counting direction versus encoder signals
Active edge
Level on
opposite
signal (TI1FP1
for TI2,
TI2FP2 for
TI1)
TI1FP1 signal
TI2FP2 signal
Rising
Falling
Rising
Falling
Counting on
TI1 only
High
Down
Up
No count
No count
Low
Up
Down
No count
No count
Counting on
TI2 only
High
No count
No count
Up
Down
Low
No count
No count
Down
Up
Counting on
TI1 and TI2
High
DownUp
UpDown
Low
Up
Down
Down
Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com