Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0312 Datasheet(PDF) 143 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 139Page - STMicroelectronics RM0312 Datasheet HTML 140Page - STMicroelectronics RM0312 Datasheet HTML 141Page - STMicroelectronics RM0312 Datasheet HTML 142Page - STMicroelectronics RM0312 Datasheet HTML 143Page - STMicroelectronics RM0312 Datasheet HTML 144Page - STMicroelectronics RM0312 Datasheet HTML 145Page - STMicroelectronics RM0312 Datasheet HTML 146Page - STMicroelectronics RM0312 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 275 page
background image
DocID022352 Rev 3
143/275
RM0312
16-bit general purpose timer (TIM2/TIM3)
170
17.6
TIMx interrupts
TIMx has 6 interrupt request sources, mapped on 2 interrupt vectors:
Break interrupt
Trigger interrupt
Commutation interrupt
Capture/Compare 2 interrupt
Capture/Compare 1 interrupt
Update Interrupt (ex: overflow, underflow, counter initialization)
To use the interrupt features, for each interrupt channel used, set the desired “Interrupt
Enable” bit: BIE, TIE, COMIE, CCiIE, UIE bits in the TIMx_IER register to enable interrupt
requests.
The different interrupt sources can be also generated by software using the corresponding
bits in the TIMx_EGR register.
17.6.1
TIMx wait-for-event capability
In wait-for-event mode (WFE), TIMx Capture/Compare, break, trigger and update interrupts
can be used to wake up the device. The interrupt event must have been previously
configured through bits TIMx_EV0 and TIMx_EV1 in the WFE_CR1 register (see
Section 9.5: WFE registers).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com