Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0312 Datasheet(PDF) 226 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 226 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 222Page - STMicroelectronics RM0312 Datasheet HTML 223Page - STMicroelectronics RM0312 Datasheet HTML 224Page - STMicroelectronics RM0312 Datasheet HTML 225Page - STMicroelectronics RM0312 Datasheet HTML 226Page - STMicroelectronics RM0312 Datasheet HTML 227Page - STMicroelectronics RM0312 Datasheet HTML 228Page - STMicroelectronics RM0312 Datasheet HTML 229Page - STMicroelectronics RM0312 Datasheet HTML 230Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 275 page
background image
Universal synchronous/asynchronous receiver transmitter (USART)
RM0312
226/275
DocID022352 Rev 3
21.3
USART functional description
The interface is externally connected to another device by three pins (see Figure 81). Any
USART bidirectional communication requires a minimum of two pins: USART Receive data
input (USART_RX) and USART transmit data output (USART_TX):
USART_RX is the serial data input. Over-sampling techniques are used for data recovery
by discriminating between valid incoming data and noise.
USART_TX is the serial data output. When the transmitter is disabled, the output pin returns
to its I/O port configuration. When the transmitter is enabled and nothing is to be
transmitted, the pin is at high level.
Through these pins, serial data is transmitted and received in normal USART mode as
frames including:
•
An Idle Line prior to transmission or reception
•
A start bit
•
A data word (8 or 9 bits) least significant bit first
•
1 and 2 STOP bits indicating that the frame is complete
•
A status register (USART_SR)
•
Data register (USART_DR)
•
16-bit baud rate prescaler (USART_BRR)
Refer to the register description for the definitions of each bit.
The following pin is required to interface in synchronous mode:
USART_CK: Transmitter clock output. This pin outputs the transmitter data clock for
synchronous transmission (no clock pulses on start bit and STOP bit, and a software
option to send a clock pulse on the last data bit). This can be used to control
peripherals that have shift registers (e.g. LCD drivers). The clock phase and polarity
are software programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com