| Electronic Components Datasheet Search |
|
RM0312 Datasheet(PDF) 229 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0312 Datasheet(HTML) 229 Page - STMicroelectronics |
|
229 / 275 page ![]() DocID022352 Rev 3 229/275 RM0312 Universal synchronous/asynchronous receiver transmitter (USART) 249 21.3.2 Transmitter The transmitter can send data words of either 8 or 9 bits depending on the M bit status. When the M bit is set, word length is 9 bits and the 9th bit (the MSB) has to be stored in the T8 bit in the USART_CR1 register. When the transmit enable bit (TEN) is set, the data in the transmit shift register is output on the USART_TX pin and the corresponding clock pulses are output on the USART_CK pin. Character transmission During a USART transmission, data shifts out least significant bit first on the USART_TX pin. In this mode, the USART_DR register consists of a buffer (TDR) between the internal bus and the transmit shift register (see Figure 81). Every character is preceded by a start bit which is a logic level low for one bit period. The character is terminated by a configurable number of STOP bits. The following STOP bits are supported by USART. Note: 1 The TEN bit should not be reset during transmission of data.Resetting the TEN bit during the transmission will corrupt the data on the USART_TX pin as the baud rate counters will get frozen.The current data being transmitted will be lost. 2 An idle frame will be sent after the TEN bit is enabled. Configurable STOP bits during transmission The number of STOP bits to be transmitted with every character can be programmed in Control register 3, bits 5,4. • 1 STOP bit: This is the default value of number of STOP bits. • 2 STOP bits: This will be supported by normal mode USART. An idle frame transmission will include the STOP bits. A break transmission consists of 10 low bits followed by the configured number of STOP bits (when m = 0) and 11 low bits followed by the configured number of STOP bits (when m = 1). It is not possible to transmit long breaks (break of length greater than 10/11 low bits). Figure 83. Configurable STOP bits Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Start Bit Stop Bit Next Start Bit 8-bit Word length (M bit is reset) Possible Parity Bit Data Frame Next Data Frame **** ** LBCL bit controls last data clock pulse CLOCK ** Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Start Bit 2 Stop Bits Next Start Bit Possible Parity Bit Data Frame Next Data Frame a) 1 Stop Bit b) 2 Stop Bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |