Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0575 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0575
Description  The e-STARTER demonstration board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0575 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0575 Datasheet HTML 2Page - STMicroelectronics UM0575 Datasheet HTML 3Page - STMicroelectronics UM0575 Datasheet HTML 4Page - STMicroelectronics UM0575 Datasheet HTML 5Page - STMicroelectronics UM0575 Datasheet HTML 6Page - STMicroelectronics UM0575 Datasheet HTML 7Page - STMicroelectronics UM0575 Datasheet HTML 8Page - STMicroelectronics UM0575 Datasheet HTML 9Page - STMicroelectronics UM0575 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Operation principle
UM0575
6/20
1.3.2
ON state
As soon as the mains voltage is applied:
●
M1 is OFF because the voltage drop across the PTC is not high enough to reach the
DZ1 clamping level
●
T2 is then turned on, thanks to the gate current provided by R2
●
T1 is turned on thanks to the gate current provided by T2
Both T1 and the PTC are then ON.
At each zero-current crossing point, the ACST6 turns off. The reapplied voltage across
T1/T2 triggers back T1 which results in some voltage spikes at each zero-current crossing
point (typically around 40 V as shown in Figure 6 for a 230 V compressor).
Applying the click test of norm EN55014, the noise duration could last more than 200 ms
(depending on the type of compressor and PTC). The individual spikes last a few hundreds
of microseconds and are spaced at intervals of 10 ms, so the limits of continuous
disturbance are applicable. Since the spike peaks are less than 100 V, the e-STARTER
solution should fulfill the requirements of EN55014. It should be noted that tests results
greatly depend on the compressor used during the tests.
Figure 5.
e-STARTER schematics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com