Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0575 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0575
Description  The e-STARTER demonstration board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0575 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0575 Datasheet HTML 10Page - STMicroelectronics UM0575 Datasheet HTML 11Page - STMicroelectronics UM0575 Datasheet HTML 12Page - STMicroelectronics UM0575 Datasheet HTML 13Page - STMicroelectronics UM0575 Datasheet HTML 14Page - STMicroelectronics UM0575 Datasheet HTML 15Page - STMicroelectronics UM0575 Datasheet HTML 16Page - STMicroelectronics UM0575 Datasheet HTML 17Page - STMicroelectronics UM0575 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Conclusion
UM0575
14/20
4
Conclusion
This demonstration board promotes a full ST silicon kit for thermostat applications and
allows users to:
●
check the immunity of our solution
●
easily check the efficiency gains
●
adapt the hardware for dedicated compressors & PTCs.
The e-STARTER allows the designers of cold appliances to upgrade the efficiency class of
refrigerators or freezers with a very low cost solution. This solution allows the starter
standby losses to be decreased from typically 2.5 W to 380 mW or 40 mW, respectively for
230 V and 100 V applications. The high reliability and immunity of this circuit are ideally
suited to the severe requirements of a refrigerator or freezer application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com