Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0575 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0575
Description  The e-STARTER demonstration board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0575 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0575 Datasheet HTML 1Page - STMicroelectronics UM0575 Datasheet HTML 2Page - STMicroelectronics UM0575 Datasheet HTML 3Page - STMicroelectronics UM0575 Datasheet HTML 4Page - STMicroelectronics UM0575 Datasheet HTML 5Page - STMicroelectronics UM0575 Datasheet HTML 6Page - STMicroelectronics UM0575 Datasheet HTML 7Page - STMicroelectronics UM0575 Datasheet HTML 8Page - STMicroelectronics UM0575 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
February 2009
Rev 1
1/20
UM0575
User manual
STEVAL- IHT003V1, e-STARTER demonstration board
based on the ACST6 and X02
Introduction
The e-STARTER demonstration board (Figure 1) presents an innovative solution, patented
by STMicroelectronics, to reduce the power losses due to the positive thermal coefficient
(PTC) resistors in compressor starter circuits.
This solution features an ACST6 device which is used to turn off the PTC current after the
motor startup. It should be noted that the traditional PTC is still used in the electronic starter
circuit because it increases safety in case of ACST short-circuit or diode-mode failure (ref.
EN60335-1). This solution allows the starter standby losses to be decreased from typically
2.5 W to 380 mW or 40 mW, respectively for 230 V and 100 V applications.
The e-STARTER operation principle along with detailed schematics are given as well as
demonstration board performances and the method to adapt the circuit to a dedicated
compressor.
It should be noted that this board is not a "plug and play" solution. First, the PTC behavior
has to be checked (especially VPTC1 & VPTC2 levels as explained in Section 3.1) and then
the R4 resistor value has to be chosen before using the board with a compressor.
Figure 1.
STEVAL- IHT003V1, e-STARTER demonstration board
AM01038v1
www.st.com


Similar Part No. - UM0575

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0574 STMICROELECTRONICS-UM0574 Datasheet
667Kb / 20P
This user manual provides instructions for using
10-Oct-2008
UM0576 STMICROELECTRONICS-UM0576 Datasheet
1Mb / 29P
This document explains the functioning and operation of the STEVAL-CCH002V1
20-Aug-2008
More results

Similar Description - UM0575

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
Demonstration Board for the TMC2193
logo
STMicroelectronics
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
Demonstration board based on the PD55008-E for UHF mobile radio
18-Oct-2010
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
Portable UHF 2-way radio demonstration board based on the PD84006L-E
18-Oct-2010
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
Demonstration board using the PD84008L-E for 900 MHz 2-way radio
14-Oct-2010
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
Portable UHF 2-way radio demonstration board based on the PD84008L-E
18-Oct-2010
STEVAL-IFP001V1 STMICROELECTRONICS-STEVAL-IFP001V1 Datasheet
249Kb / 4P
8-channel high-side driver demonstration board with the VN808CM-E
01-Jun-2012
STEVAL-IHT003V1 STMICROELECTRONICS-STEVAL-IHT003V1 Datasheet
76Kb / 4P
Low-loss e-STARTER demonstration board for compressor starter circuits based on the ACST6
08-Jul-2008
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
The STEVAL-ISV002V2 demonstration board is the same
08-Nov-2012
AN4111 STMICROELECTRONICS-AN4111 Datasheet
1Mb / 17P
The STEVAL-ILL044V1 demonstration board showcases
28-Jun-2013
AN3028 STMICROELECTRONICS-AN3028 Datasheet
1Mb / 37P
demonstration board using the VIPer16LN
01-Aug-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com