Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0575 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0575
Description  The e-STARTER demonstration board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0575 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0575 Datasheet HTML 4Page - STMicroelectronics UM0575 Datasheet HTML 5Page - STMicroelectronics UM0575 Datasheet HTML 6Page - STMicroelectronics UM0575 Datasheet HTML 7Page - STMicroelectronics UM0575 Datasheet HTML 8Page - STMicroelectronics UM0575 Datasheet HTML 9Page - STMicroelectronics UM0575 Datasheet HTML 10Page - STMicroelectronics UM0575 Datasheet HTML 11Page - STMicroelectronics UM0575 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Board performances
UM0575
8/20
2
Board performances
2.1
Maximum current
During e-STARTER conduction, the power losses are similar to those of the standard PTC
solution as the same current circulates through this resistor. The only difference is that a
small part of the voltage is also held by T1.
In the case of an ACST6, its forward voltage drop can be considered to be a constant
forward voltage, Vt0, of at worst 0.8 V and a dynamic resistance, Rd, of at worst 80 m. So
even with a 10 A peak current, the voltage drop is less than 1 V.
This forward voltage drop should be taken into account mainly to evaluate the junction
temperature elevation of the semiconductor switch.
For an ACST6 in the TO220AB package, without any heatsink, this junction temperature
elevation is equal to:
●
30° C after a 5 A RMS current during 3 s (worst case of typical 100 V/60 Hz
compressors)
●
50° C after an 11 A RMS current during 0.5 s (worst case of typical 230 V/50 Hz
compressors)
This ensures that TJ remains below its maximum allowed temperature (125° C), even with a
75° C initial temperature. Figure 8 gives the maximum repetitive RMS current that the
ACST6-7ST can withstand without any heatsink. This curve is given for 40° C and 75° C
ambient temperatures. As with the e-STARTER solution, the heating time of the PTC is not
long enough to warm the electronic devices, so the 40° C curve is closer to the real
e-STARTER operating conditions.
2.2
Standby power losses
During e-STARTER standby, the losses are caused only by the resistors, which are still
connected to the mains voltage. Indeed, the ACST leakage current is in practice very much
lower than 20 µA so that the resulting losses can be neglected.
Figure 8.
e-STARTER maximum current versus conduction time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com