Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0629 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0629
Description  STM8L101-EVAL evaluation board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0629 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0629 Datasheet HTML 4Page - STMicroelectronics UM0629 Datasheet HTML 5Page - STMicroelectronics UM0629 Datasheet HTML 6Page - STMicroelectronics UM0629 Datasheet HTML 7Page - STMicroelectronics UM0629 Datasheet HTML 8Page - STMicroelectronics UM0629 Datasheet HTML 9Page - STMicroelectronics UM0629 Datasheet HTML 10Page - STMicroelectronics UM0629 Datasheet HTML 11Page - STMicroelectronics UM0629 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
STM8L1/L2 motherboard
UM0629
8/26
Doc ID 15312 Rev 2
2
STM8L1/L2 motherboard
This motherboard is designed to work with an STM8L1 daughterboard.
2.1
Power supply
The motherboard is designed to be powered by a 5 V DC power supply and to be protected
from a wrong power plug-in event by PolyZen Inc. (auto rearmable fuse) U13. It is possible
to configure the evaluation board to provide 5 V power to the daughterboard through the
daughterboard connector.
●
The motherboard is powered by a 5 V DC power adapter connected to CN10, the
power jack on the board (PSU on silk screen for power supply unit).
●
5 V DC power is provided to the daughterboard through an extension connector and
can be set by jumper JP12 (DTB for daughterboard on silk-screen).
●
MCU_VDD can be selected by setting jumper JP11 and is connected to the
daughterboard directly through the daughterboard connector.
The power supply is configured by setting the jumpers JP11 and JP12 as described in
Table 1.
The LED LD6 is lit when the motherboard is powered correctly. JP3 is no longer used.
Table 1.
Power related jumpers
Jumper
Description
Setting
JP12
5 V power from power supply jack (CN10) is connected to the motherboard
when JP12 is set as shown to the right:
(default setting).
5 V power from power supply jack (CN10) is connected to the daughterboard
when JP12 is set as shown to the right:
In this case the motherboard and daughterboard are powered by a 5 V power
supply.
JP11
MCU_VDD is powered by a fixed 3.3 V power supply when JP11 is set as
shown to the right:
(default setting).
MCU_VDD is powered by a variable power supply from 1.8 V to 3.3 V,
adjusted by potentiometer RV4 (bottom left of the board), when JP11 is set as
shown to the right:
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com