Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0629 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0629
Description  STM8L101-EVAL evaluation board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0629 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0629 Datasheet HTML 5Page - STMicroelectronics UM0629 Datasheet HTML 6Page - STMicroelectronics UM0629 Datasheet HTML 7Page - STMicroelectronics UM0629 Datasheet HTML 8Page - STMicroelectronics UM0629 Datasheet HTML 9Page - STMicroelectronics UM0629 Datasheet HTML 10Page - STMicroelectronics UM0629 Datasheet HTML 11Page - STMicroelectronics UM0629 Datasheet HTML 12Page - STMicroelectronics UM0629 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
UM0629
STM8L1/L2 motherboard
Doc ID 15312 Rev 2
9/26
2.2
Reset source
The reset signal of the motherboard is low active. Reset sources include:
●
Reset button B1.
●
Debugging tools from connectors CN5, CN6.
The reset pin PA1 of the STM8L101 is either connected to the reset button B1 or to GND by
the setting of jumper JP1:
2.3
Audio
The motherboard supports both audio recording and playback, but audio recording
components (U11 microphone and U12 amplifier) cannot be used with the STM8L101.
The speaker can be disabled or enabled by the setting of jumper JP10.
Audio volume can be adjusted using the potentiometer RV2.
Table 2.
Reset related jumpers
Jumper
Description
Setting
JP1
PA1 is connected to GND when JP1 is set as shown to the right:
This configuration is reserved for internal use only.
PA1 is connected to Reset button when JP1 is set as shown to the right:
(default setting).
This jumper position is called Alone on the silk-screen.
1 2 3
1 2 3
Table 3.
Audio related jumpers
Jumper
Description
Setting
JP10
Audio power amplifier TS4871 is forced on standby mode when JP10 is
not fitted.
Default setting: fitted.
JP9
Either beeper or PWM output can be selected as a source of speaker
by setting jumper JP9.
The beeper is connected to speaker when JP9 is set as shown to the
right: (Beep position on the silk-screen).
The PWM output is connected to speaker when JP9 is set as shown to
the right: (PSW position on the silk-screen) (default setting).
1 2 3
1 2 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com