Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0629 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0629
Description  STM8L101-EVAL evaluation board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0629 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0629 Datasheet HTML 1Page - STMicroelectronics UM0629 Datasheet HTML 2Page - STMicroelectronics UM0629 Datasheet HTML 3Page - STMicroelectronics UM0629 Datasheet HTML 4Page - STMicroelectronics UM0629 Datasheet HTML 5Page - STMicroelectronics UM0629 Datasheet HTML 6Page - STMicroelectronics UM0629 Datasheet HTML 7Page - STMicroelectronics UM0629 Datasheet HTML 8Page - STMicroelectronics UM0629 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
UM0629
Overview
Doc ID 15312 Rev 2
5/26
1.4
Hardware layout and configuration
The STM8L101-EVAL evaluation board is designed around the STM8L101K3T6 in an
LQFP32 package.
Figure 2 illustrates the connections between the daughterboard and the peripherals on the
motherboard (LCD, I2C EEPROM, USART, audio and MicroSD card).
Figure 3 and Figure 4 help you to locate these features on the actual evaluation board.
Figure 2.
Hardware block diagram
STM8L1/L2-MB
RS232
transceiver
5V power
jack
3.3V
regulator
LCD
MicroSD card
Level
translator
Audio circuit
BNC connector
I2C EEPROM
SWIM connector
STice connector
Push button
Joystick
LED’s
Potentiometer
RS232
connector
SWIM
ADC
ADC
PWM
USART
Compa
rator
SPI
I2C
Economic
Measurement
BEEP
1.8 to 3.3V
regulator
Bi-color LED
GPIO’s
Extension connector
STM8L1-DB
STM8L1/L2-MB (MB709)
STM8L101
MCU
STM8L1-DB (MB710)
CMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com