Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0629 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0629
Description  STM8L101-EVAL evaluation board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0629 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0629 Datasheet HTML 18Page - STMicroelectronics UM0629 Datasheet HTML 19Page - STMicroelectronics UM0629 Datasheet HTML 20Page - STMicroelectronics UM0629 Datasheet HTML 21Page - STMicroelectronics UM0629 Datasheet HTML 22Page - STMicroelectronics UM0629 Datasheet HTML 23Page - STMicroelectronics UM0629 Datasheet HTML 24Page - STMicroelectronics UM0629 Datasheet HTML 25Page - STMicroelectronics UM0629 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Figure 15.
STM8L1 motherboard power
STMicroelectronics
Title:
Number:
Rev:
A.1(PCB.SCH)
Date:
9/23/2009
Vin
3
Vout
2
U14
LD1086D2M33
SV
1
SG
2
CV
3
CG1
4
CG2
5
CG3
6
U15
BNX002-01
C44
10uF
E5V
TP6
5V
+5V
R66
1K
1
2
LD6
red
C47
470uF
C45
10uF
C46
10uF
C48
100nF
C49
100nF
+5V
+3V3
VCC_ADJ
+5V
TP7
Ground
TP4
+3V3
TP5
VCC_ADJ
1
3
2
CN10
DC-10B
Z1
SMAJ5.0A-TR
C43
100nF
1
3
U13
ZEN056V130A24LS
R67
165
2
RV4
3314J-201
1
2
3
JP11
MCU_VDD
R68
75
Vin
3
Vout
2
U16
LD1086D2M
E5V
D5V
MB709
STM8L1/L2-MB Power
1
2
3
4
JP12
Header 2X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com