Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0894 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0894
Description  STM32W-SK and STM32W-EXT starter and extension kits for STM32W108xx microcontrollers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0894 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0894 Datasheet HTML 17Page - STMicroelectronics UM0894 Datasheet HTML 18Page - STMicroelectronics UM0894 Datasheet HTML 19Page - STMicroelectronics UM0894 Datasheet HTML 20Page - STMicroelectronics UM0894 Datasheet HTML 21Page - STMicroelectronics UM0894 Datasheet HTML 22Page - STMicroelectronics UM0894 Datasheet HTML 23Page - STMicroelectronics UM0894 Datasheet HTML 24Page - STMicroelectronics UM0894 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
UM0894
Running the STM32W108xx kits
Doc ID 16999 Rev 6
21/45
2.2.1
Run the remote control (RC) and virtual TV applications
The STM32-Primer2 tool provided with the STM32W-SK starter kit (only STM32W108B-SK)
is delivered with the RC application. This application automatically configures the connected
MB850 extension board with the related ZigBee RF4CE RC application.
The application board is automatically configured when launching the RF4CETV PC applet.
To run the RC and TV applications on the STM32 Primer2, MB850 and application board
platforms, the following steps are required:
1.
Connect the MB850 to the extension connector of the STM32-Primer2 tool.
2.
Power on your STM32-Primer2.
3.
Press the joystick button to launch the Main Menu and select Applic.->RF4CE RC.
If everything is properly done, the LCD screen displays a set of RF4CE RC commands.
4.
Connect the application board to the PC using a mini USB cable with P2 fitted in
position 5-6 (power from USB). A virtual COM port should appear in the Windows
Device Manager.
5.
From Windows, launch the RF4CETV.exe PC applet. A PC applet GUI appears.
6.
Select the serial port matching the port assigned by the Windows Device Manager. If
the firmware on the application board is not present, the application uploads the
firmware through the serial port. Wait until LED D1 is on.
7.
Push the button
to start pairing with the RF4CE remote control. LED D1 starts
blinking quickly when the node is ready for pairing (for 30 sec.).
8.
On your STM32-Primer2, use the joystick to scroll between button pages until you find
the button
. Push the button to start pairing with the application board.
If everything is properly done, a message on your STM32-Primer2 screen and in the
RF4CETV applet informs you that the pairing process has been successful.
Figure 5.
RF4CETV PC applet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com