Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0894 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0894
Description  STM32W-SK and STM32W-EXT starter and extension kits for STM32W108xx microcontrollers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0894 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0894 Datasheet HTML 20Page - STMicroelectronics UM0894 Datasheet HTML 21Page - STMicroelectronics UM0894 Datasheet HTML 22Page - STMicroelectronics UM0894 Datasheet HTML 23Page - STMicroelectronics UM0894 Datasheet HTML 24Page - STMicroelectronics UM0894 Datasheet HTML 25Page - STMicroelectronics UM0894 Datasheet HTML 26Page - STMicroelectronics UM0894 Datasheet HTML 27Page - STMicroelectronics UM0894 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Running the STM32W108xx kits
UM0894
24/45
Doc ID 16999 Rev 6
Figure 8.
STM32-Primer2 sun node
4.
Press the button again to access the application main menu. This is the first level
option list. Options can be classified in two categories:
–
Options that provide information about the sun parameters (node information,
planets list)
–
Options that execute actions (leave network, quit)
2.3.2
Run the sample planet application on the application board
To download and run the sample planet application on an application board, use the related
IAR project provided within the SimpleMAC software library package following the
instructions described in Section 3.3: IAR Embedded Workbench® for ARM.
2.3.3
Set up a star network using STM32-Primer2, MB850 platforms
On the planet node, press button S1 to join the network formed by the STM32-Primer2 sun
node. Once joined, the planet LED D3 turns on and the planet node is displayed on the
STM32-Primer2’s LCD (as a green box with the related 2-byte short address underneath).
Figure 9.
Planet device joined to the network
When a planet device sends data to the sun device (at a periodic rate), a blue line
connecting the transmitting planet to the sun is displayed on the screen as well as the sent
application board VDD_PADS value (in mV).
Figure 10. Planet sends data to the sun
This identifies which planet is in transmission mode if there is more than one planet device
(up to 5 supported by the STM32-Primer2 sun application).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com