Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0894 Datasheet(PDF) 44 Page - STMicroelectronics

Part # UM0894
Description  STM32W-SK and STM32W-EXT starter and extension kits for STM32W108xx microcontrollers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0894 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button UM0894 Datasheet HTML 37Page - STMicroelectronics UM0894 Datasheet HTML 38Page - STMicroelectronics UM0894 Datasheet HTML 39Page - STMicroelectronics UM0894 Datasheet HTML 40Page - STMicroelectronics UM0894 Datasheet HTML 41Page - STMicroelectronics UM0894 Datasheet HTML 42Page - STMicroelectronics UM0894 Datasheet HTML 43Page - STMicroelectronics UM0894 Datasheet HTML 44Page - STMicroelectronics UM0894 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
Revision history
UM0894
44/45
Doc ID 16999 Rev 6
6
Revision history
Table 26.
Document revision history
Date
Revision
Changes
05-Feb-2010
1
Initial release.
21-Apr-2010
2
Modified software component versions in Section 1.7.
Modified installer files in Section 1.9.
Modified Parity to 1 in Section 1.10.3.
Modified Section 2.2.2, Section 2.2.3, Section 2.3.3.
Inserted Section 3.4.
08-Feb-2011
3
Added reference to MB954 application board with power amplifier (PA)
delivered with latest generation of the STM32W108xx extension kit.
21-Jun-2011
4
Added Section 5: Available board schematics
Changed Figure 3: MB851 application board and Figure 4: MB954
application board with a power amplifier
Added Section 1.3: MB850 hardware description
Added Section 1.5: MB851 hardware description
Added Section 1.6: MB954 hardware description
25-May-2012
5
Removed reference to EmberZnet 4.3.0 ZigBee PRO package.
Added new MB851 and MB954 board schematics.
03-Aug-2012
6
Added reference to the new STM32W108C-SK starter kit components.
Added reference to the new SimpleMAC Sun PC applet.
Added Figure 28: MB951 rev. B board schematics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com