Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0894 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0894
Description  STM32W-SK and STM32W-EXT starter and extension kits for STM32W108xx microcontrollers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0894 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0894 Datasheet HTML 26Page - STMicroelectronics UM0894 Datasheet HTML 27Page - STMicroelectronics UM0894 Datasheet HTML 28Page - STMicroelectronics UM0894 Datasheet HTML 29Page - STMicroelectronics UM0894 Datasheet HTML 30Page - STMicroelectronics UM0894 Datasheet HTML 31Page - STMicroelectronics UM0894 Datasheet HTML 32Page - STMicroelectronics UM0894 Datasheet HTML 33Page - STMicroelectronics UM0894 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
STM32W108xx kits utilities and software tools
UM0894
30/45
Doc ID 16999 Rev 6
3
STM32W108xx kits utilities and software tools
3.1
stm32w_flasher utility
The stm32w_flasher utility allows you to download a binary file into the STM32W108xx
application board. This utility comes with each RF software library package. To download a
binary image, follow these steps:
1.
Where applicable, fit the application board jumper P2 on position 5-6 (power via USB).
2.
Connect a mini USB cable to the application board mini-USB connector and to a PC
USB port.
3.
Using the mouse, right-click on
My Computer, select Manage, Device Manager, and
open
Ports (COM & LPT) to display the related USB COMx port.
4.
Open a DOS Window on your PC.
5.
Go to the utilities folder which comes after the installation process.
6.
Type the following command: stm32w_flasher –p <COMx> -r –f <file_name.bin/.s37>
where COMx is the virtual COM related to the connected application board, and
file_name.bin/.s37 is the application image to be downloaded.
Note:
You can also use the stm32w_flasher utility through the JTAG programmer for all the boards
which have a JTAG connector:
1. Fit the application board jumper P2 on position 5-6 (power via JTAG).
2. Plug the JTAG programmer to a PC USB port and to the board JTAG connector P4.
3. Open a DOS Window on your PC.
4. Go to the folder where the stm32w_flasher is located (tool or utility folder).
5. Type the following command: stm32w_flasher -f <file_name.bin/.s37> -r
3.2
Network analyzer
3.2.1
Perytons
To install the Perytons network analyzer, insert the related CD-ROM and follow the
installation instructions. To use the Perytons network analyzer, follow these steps:
1.
Application board labeled as “Analyzer“: fit jumper P2 on position 5-6 (power via USB)
and connect to a PC USB port.
2.
Open the Perytons tool (from Start, Programs).
3.
For instructions about how to start a packet capture session, refer to the documentation
on the Perytons CD-ROM.
When a packet capture session is ongoing, the application board LEDs behave as follows:
●
When data is sent to the PC, LED D1 flashes for a short period.
●
LED D3 is the heartbeat LED.
A prebuilt analyzer binary image for Perytons is provided with each RF software library
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com