Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0991 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0991
Description  Developing and debugging your STM8L-DISCOVERY application code
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0991 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0991 Datasheet HTML 17Page - STMicroelectronics UM0991 Datasheet HTML 18Page - STMicroelectronics UM0991 Datasheet HTML 19Page - STMicroelectronics UM0991 Datasheet HTML 20Page - STMicroelectronics UM0991 Datasheet HTML 21Page - STMicroelectronics UM0991 Datasheet HTML 22Page - STMicroelectronics UM0991 Datasheet HTML 23Page - STMicroelectronics UM0991 Datasheet HTML 24Page - STMicroelectronics UM0991 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
UM0991
Description of firmware library
Doc ID 17891 Rev 2
21/52
3
Description of firmware library
The STM8L15x microcontroller family is provided with the STM8L15x standard firmware
library. It is strongly recommended to use the library to develop your project as proposed in
the the STM8L-Discovery development package and implemented in the Discover project
(see Section 5.1: Description of the STM8L-DISCOVERY development package).
The development package also contains the WavesGenerator project which don’t use the
STM8L standard firmware library except for the LCD driver.
The STM8L standard firmware library is part of the STM8L-DISCOVERY development
package that is available from the STM8L-DISCOVERY web page at
http://www.st.com/stm8l-discovery.
Warning:
Make sure you have the latest version of the STM8L standard
firmware library (see http://www.st.com/mcu).
3.1
STM8L15x standard firmware library
The STM8L15x standard firmware library contains a collection of routines, data structures,
and macros covering the features of the STM8L15x peripherals, as well as a description of
the device drivers (see Figure 15).
The STM8L15x standard firmware library allows to develop an application on any
STM8L15x device without the need for in-depth study of each peripheral specifications. It
saves significant time that would otherwise be spent in coding, while simultaneously
reducing application development and integration cost.
It contains a set of examples for each peripheral. All these examples are provided with
workspace and project definition files for STVD and C compilers and for IAR Embedded
Workbench for STM8 to allow loading and compiling them easily into you development
environment. These examples are developed to run on an STM8L15x device with
STMicroelectronics STM8L1526-EVAL evaluation board.
They have to be considered as example codes to develop your own application. Some
examples have already been tailored to run on the STM8L-DISCOVERY. They are available
from the STM8L-DISCOVERY web pages at http://www.st.com/stm8l-discovery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com