Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0991 Datasheet(PDF) 48 Page - STMicroelectronics

Part # UM0991
Description  Developing and debugging your STM8L-DISCOVERY application code
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0991 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button UM0991 Datasheet HTML 44Page - STMicroelectronics UM0991 Datasheet HTML 45Page - STMicroelectronics UM0991 Datasheet HTML 46Page - STMicroelectronics UM0991 Datasheet HTML 47Page - STMicroelectronics UM0991 Datasheet HTML 48Page - STMicroelectronics UM0991 Datasheet HTML 49Page - STMicroelectronics UM0991 Datasheet HTML 50Page - STMicroelectronics UM0991 Datasheet HTML 51Page - STMicroelectronics UM0991 Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
Building, debugging and running your application with STVD
UM0991
48/52
Doc ID 17891 Rev 2
6.2
Debugging your application
Once your application has been successfully built, access the Debug context from the
STVD main menu to access the debugging features that are supported by your debugging
instrument. The debug instrument must be selected before starting debugging.
1.
Select Debug Instrument > Target settings from the STVD main menu toolbar.
2.
Select Swim ST-LINK, which is your debug instrument (see Figure 23).
3.
Click Apply to confirm and OK to close the window.
4.
Select Debug > Start Debugging to start your debug session and access the debug
context. STVD then connects to your debug instrument, loads the code into the
microcontroller Flash memory, and provides access to the debug commands and
menus. You can now start debugging your application (see Figure 43).
Figure 43.
Debugging your application
Several debug windows are available in STVD. You can access them by selecting View
menu when a debug session is ongoing.
One of the most useful windows is the Peripheral registers window. It can be used to
display the content of the STM8L105C6 peripheral registers during the debug session. (see
Figure 44).
The Watch window displays the values the code variables. Just drag and drop a variable
from your code into the Watch window.
The information displayed in the debug windows are refreshed when the program is stopped
(for example by a break point). (see Figure 45)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com