Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4110 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4110
Description  Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4110 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4110 Datasheet HTML 2Page - STMicroelectronics AN4110 Datasheet HTML 3Page - STMicroelectronics AN4110 Datasheet HTML 4Page - STMicroelectronics AN4110 Datasheet HTML 5Page - STMicroelectronics AN4110 Datasheet HTML 6Page - STMicroelectronics AN4110 Datasheet HTML 7Page - STMicroelectronics AN4110 Datasheet HTML 8Page - STMicroelectronics AN4110 Datasheet HTML 9Page - STMicroelectronics AN4110 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Transmitter parameter
AN4110
6/18
Doc ID 023182 Rev 1
2
Transmitter parameter
All the measurements here reported are performed with the following parameters: Tc =
25 °C, Vdd = 3.0 V, f = 868.300 MHz.
The modulation bandwidth and adjacent channel power measurements are here reported.
The measurements are realized according to EN 300 220 v1 [2] sections 7.6 and 7.7.
2.1
Adjacent channel power
The adjacent channel power (ACP) is defined as the amount of the modulated RF signal
power which falls within a given adjacent channel. This power is the sum of the mean power
produced by the modulation, hum and noise of the transmitter. This measurement is
applicable only to narrowband systems.
This test measures the power transmitted in the adjacent channel during continuous
modulation. The ACP is measured with a spectrum analyzer that conforms to the
requirements given in the EN 300 220-1 v2.3.1 (2010-02) [2] annex C.
In this application note the ACP measured with 25 kHz channel spacing is investigated. For
this measurement the integrated bandwidth of the adjacent channel is 16 kHz and the ETSI
limit for the ACP is 200 nW (-37 dBm).
Figure 4 illustrates the measured ACP at the 868.3 MHz center frequency. The data rate is
set to 9.6 kbps, the frequency deviation is set to 2.4 kHz, and the modulation is set to
gaussian FSK (GFSK) with a BT = 1.
The output power integrated around the carrier is 11 dBm in a 16 kHz bandwidth and with
average detection. With this power the ACP is -39 dBm, that is 2 dB better than the ETSI
limit.
In Figure 4 the alternate channel power (ALT) is also reported. With this power the ALT is -
46 dBm. Regarding the ALT, no specification is defined in the ETSI standard.
The SPIRIT1 is fully compliant with the ETSI transmitter adjacent channel power
requirements with margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com