Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4110 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4110
Description  Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4110 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4110 Datasheet HTML 7Page - STMicroelectronics AN4110 Datasheet HTML 8Page - STMicroelectronics AN4110 Datasheet HTML 9Page - STMicroelectronics AN4110 Datasheet HTML 10Page - STMicroelectronics AN4110 Datasheet HTML 11Page - STMicroelectronics AN4110 Datasheet HTML 12Page - STMicroelectronics AN4110 Datasheet HTML 13Page - STMicroelectronics AN4110 Datasheet HTML 14Page - STMicroelectronics AN4110 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN4110
Receiver parameters
Doc ID 023182 Rev 1
11/18
3
Receiver parameters
All the measurements here reported are performed with the following parameters: Tc =
25 °C, Vdd = 3.0 V, f = 868.300 MHz.
The product family of short range radio devices is divided into three receiver categories,
each having a set of relevant receiver requirements and minimum performance criteria. The
set of receiver requirements depends on the choice of receiver category by the equipment
provider. The SPIRIT1 is a transceiver that meets receiver category 2. According to EN 300
220-1 (v2.3.1, 2012-02) [2], a category 2 receiver is described as “Medium reliable SRD
communication media, e.g. causing inconvenience to persons, which cannot simply be
overcome by other means”.
The main parameters that must be measured for category 2 devices are the sensitivity and
the blocking. The adjacent channel selectivity refers to receiver category 1, and so it is not
necessary for SPIRIT1 to meet this parameter.
3.1
Receiver sensitivity
The receiver sensitivity is the minimum level of the signal at the receiver input, produced by
a carrier at the nominal frequency of the receiver, modulated with the normal test signal
modulation, which produces the performance of a bit error rate (BER) of 10-2 without
correction.
Under normal test conditions, the value of the typical usable sensitivity for 25 kHz channel
spacing equipment with a 16 kHz bandwidth should not exceed -107 dBm. If the RX
bandwidth is not 16 kHz, the sensitivity limit is modified according to the following formula:
Equation 1
The measurement is performed using an RF signal source generator centered at the same
receiver frequency with the wanted modulation signal. The demodulated data and clock are
taken from the SPIRIT1 receiver and sent to the same generator to perform the BER
measurement. The generator signal level is reduced and then a BER of 1% is obtained.
To reduce the power consumption, an internal SMPS is integrated into the SPIRIT1.
Figure 10 demonstrates the ETSI 1% BER sensitivity limit (red line) and the SPIRIT1
sensitivity for different data rate with internal and external SMPS. This application note
outlines the expected performance when using the SPIRIT1 under EN 300 220-1 (v2.3.1,
2012-02) [2] in the 863.000 - 870.000 MHz band, without defining the maximum channel
spacing. In order to show the real performance of the SPIRIT1 transceiver, different channel
spacings are shown. The test conditions are: 2-FSK modulation with 1 kHz frequency
deviation and 6 kHz channel bandwidth for the 1.2 kbps data rate, 2-FSK modulation with 20
kHz frequency deviation and 100 kHz channel bandwidth for the 38.4 kbps data rate, GFSK
(BT = 1) modulation with 127 kHz frequency deviation and 540 kHz channel bandwidth for
the 250 kbps data rate and MSK modulation with 812 kHz channel bandwidth for the 500
kbps data rate.
The SPIRIT1 is fully compliant with the ETSI category 2 receiver sensitivity requirements
with large margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com