Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4110 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4110
Description  Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4110 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4110 Datasheet HTML 1Page - STMicroelectronics AN4110 Datasheet HTML 2Page - STMicroelectronics AN4110 Datasheet HTML 3Page - STMicroelectronics AN4110 Datasheet HTML 4Page - STMicroelectronics AN4110 Datasheet HTML 5Page - STMicroelectronics AN4110 Datasheet HTML 6Page - STMicroelectronics AN4110 Datasheet HTML 7Page - STMicroelectronics AN4110 Datasheet HTML 8Page - STMicroelectronics AN4110 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
July 2012
Doc ID 023182 Rev 1
1/18
AN4110
Application note
Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
By Placido De Vita
Introduction
The SPIRIT1 is a very low power RF transceiver, intended for RF wireless applications in the
sub-1 GHz band. It is designed to operate both in the licence-free ISM and SRD frequency
bands at 169, 315, 433, 868 and 915 MHz.
This application note outlines the expected performance when using the SPIRIT1 under EN
300 220-1 (v2.3.1, 2012-02) [2] in the 863 to 870 MHz band. This band is divided into sub-
bands where the application, the maximum radiated power, the channel spacing and/or the
mitigation requirement (duty cycle etc.) are different. The maximum allowed output power is
+27 dBm (500 mW) in 869.4 to 869.65 MHz, and it is variable in the other sub-bands (see
Table 5 in ETSI EN 300 220-1 v2.3.1 [2]). This application note relates to +10 dBm (10 mW)
applications.
For details on the regulatory limits in the 863.000 - 870.000 MHz SRD frequency bands,
please refer to the ETSI EN 300 220-1 v2.3.1 [2] and ERC recommendation 70-03 [3].
These can be downloaded from www.etsi.org and www.ero.dk respectively.
www.st.com


Similar Part No. - AN4110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4111 STMICROELECTRONICS-AN4111 Datasheet
1Mb / 17P
The STEVAL-ILL044V1 demonstration board showcases
28-Jun-2013
AN4112 STMICROELECTRONICS-AN4112 Datasheet
243Kb / 17P
Using STM32F05xx analog comparators in application cases
26-Jun-2012
AN4116 STMICROELECTRONICS-AN4116 Datasheet
3Mb / 38P
This document describes a 12 V-350 mA power supply
23-Jan-2013
logo
Fairchild Semiconductor
AN4116 FAIRCHILD-AN4116 Datasheet
251Kb / 12P
A Fairchild Power Switch
logo
STMicroelectronics
AN4117 STMICROELECTRONICS-AN4117 Datasheet
1Mb / 22P
Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
01-Oct-2012
More results

Similar Description - AN4110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IKR001V4 STMICROELECTRONICS-STEVAL-IKR001V4 Datasheet
237Kb / 4P
Sub-GHz transceiver development kit based on the SPIRIT1 (868 MHz band)
02-Aug-2012
AN4305 STMICROELECTRONICS-AN4305 Datasheet
1Mb / 20P
Using the SPIRIT1 transceiver with range extender
24-Oct-2013
AN4103 STMICROELECTRONICS-AN4103 Datasheet
2Mb / 20P
Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
14-May-2013
AN4117 STMICROELECTRONICS-AN4117 Datasheet
1Mb / 22P
Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
01-Oct-2012
AN4133 STMICROELECTRONICS-AN4133 Datasheet
1Mb / 35P
Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
12-Jul-2012
AN4147 STMICROELECTRONICS-AN4147 Datasheet
836Kb / 14P
Using the SPIRIT1 transceiver under FCC title 47 part 15 in the 315 MHz band
06-Aug-2012
AN4148 STMICROELECTRONICS-AN4148 Datasheet
1Mb / 13P
Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
06-Aug-2012
AN4174 STMICROELECTRONICS-AN4174 Datasheet
2Mb / 21P
Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
31-Oct-2012
AN4271 STMICROELECTRONICS-AN4271 Datasheet
1Mb / 20P
Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
24-Oct-2013
STEVAL-IDS001V4M STMICROELECTRONICS-STEVAL-IDS001V4M Datasheet
268Kb / 6P
868 MHz RF USB dongle based on the SPIRIT1 SPSGRF-868 module
02-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com