Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4110 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4110
Description  Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4110 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4110 Datasheet HTML 8Page - STMicroelectronics AN4110 Datasheet HTML 9Page - STMicroelectronics AN4110 Datasheet HTML 10Page - STMicroelectronics AN4110 Datasheet HTML 11Page - STMicroelectronics AN4110 Datasheet HTML 12Page - STMicroelectronics AN4110 Datasheet HTML 13Page - STMicroelectronics AN4110 Datasheet HTML 14Page - STMicroelectronics AN4110 Datasheet HTML 15Page - STMicroelectronics AN4110 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Receiver parameters
AN4110
12/18
Doc ID 023182 Rev 1
Figure 10.
Sensitivity vs. data rate with 1% BER
3.2
Blocking
Blocking is a measurement of the capability of the receiver to receive a wanted modulated
signal without exceeding a given degradation due to the presence of an unwanted input
signal at any frequency other than those of the spurious responses or the adjacent channels
or bands.
All the blocking results are measured by positioning the input power 3 dB above the
measured sensitivity limit reported in the previous paragraph with a primary signal source
generator. A second generator with an unmodulated signal is used as the interferer and
combined with the primary signal using a power combiner. The second interferer generator
is placed at the desired frequency offset and the power is increased until the BER
degradation of 1% is obtained.
ETSI specifies the blocking limits in absolute values at two points: ±2 and ±10 MHz. The
limit for the category 2 receiver at ± 2 MHz is ± 35 dB - 10log (BWkHz/16 kHz), at ±10 MHz it
is ± 60 dB - 10log (BWkHz/16 kHz). Figure 11 shows the blocking curve with 1.2 kbps data
rate; Figure 12 shows the blocking curve with 500 kbps data rate.
The SPIRIT1 is fully compliant with the ETSI category 2 receiver blocking requirements with
large margin.
The adjacent channel selectivity is also defined in the ETSI EN300 220 [2] standard, a
measurement of the capability of the receiver to operate satisfactorily in the presence of an
unwanted signal, which differs in frequency from the wanted signal by an amount equal to
the adjacent channel separation for which the equipment is intended. This parameter must
be evaluated only for the device that complies with the ETSI category 1, so the SPIRIT1
does not have to be under this regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com