Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4157 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4157
Description  STM32F3DISCOVERY peripheral firmware examples
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4157 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4157 Datasheet HTML 2Page - STMicroelectronics AN4157 Datasheet HTML 3Page - STMicroelectronics AN4157 Datasheet HTML 4Page - STMicroelectronics AN4157 Datasheet HTML 5Page - STMicroelectronics AN4157 Datasheet HTML 6Page - STMicroelectronics AN4157 Datasheet HTML 7Page - STMicroelectronics AN4157 Datasheet HTML 8Page - STMicroelectronics AN4157 Datasheet HTML 9Page - STMicroelectronics AN4157 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Clock configuration
AN4157
6/24
Doc ID 023629 Rev 1
2
Clock configuration
The peripheral examples provided within STM32F3DISCOVERY kit Firmware package are
configured to run at 72 MHz, using HSE BYPASS as the clock source.
However, the user can modify this configuration to use HSI or HSE crystal as the clock
source, which needs some hardware modification on the discovery kit hardware.
The "system_stm32f30x.c" file provided within each example was customized for use with
the discovery kit, allowing the user to select one of the three configurations below (by un-
commenting the adequate define).
2.1
PLL_SOURCE_HSI
The HSI clock signal is generated from an internal 8 MHz RC Oscillator and can be used
directly as a system clock, or divided by 2 to be used as a PLL input.
The HSI RC oscillator has the advantage of providing a clock source at low cost (no external
components). It also has a faster startup time than the HSE crystal oscillator. However, even
with a calibration, the frequency is less accurate than an external crystal oscillator or a
ceramic resonator.
2.2
PLL_SOURCE_HSE
The high speed external clock signal (HSE) can be generated from two possible clock
sources:
●
HSE external crystal/ceramic resonator
●
HSE user external clock
The HSE crystal is not provided with the discovery kit. Some hardware modifications are
necessary to connect this crystal.
For more details, refer to section "4.10 OSC clock" in "STM32F3 discovery kit User manual
(UM1570)".
2.3
PLL_SOURCE_HSE_BYPASS
In this mode, the HSE is bypassed with an external clock (fixed at 8 MHz, coming from ST-
LINK circuit). It is used to clock the PLL, and the PLL is used as the system clock source.
Some hardware modifications are necessary to bypass the HSE with the clock coming from
the ST-LINK circuit.
For more details, refer to section "4.10 OSC clock" in "STM32F3 discovery kit User manual
(UM1570)".
Note:
PLL_SOURCE_HSE_BYPASS is the default clock configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com