Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4157 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4157
Description  STM32F3DISCOVERY peripheral firmware examples
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4157 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4157 Datasheet HTML 8Page - STMicroelectronics AN4157 Datasheet HTML 9Page - STMicroelectronics AN4157 Datasheet HTML 10Page - STMicroelectronics AN4157 Datasheet HTML 11Page - STMicroelectronics AN4157 Datasheet HTML 12Page - STMicroelectronics AN4157 Datasheet HTML 13Page - STMicroelectronics AN4157 Datasheet HTML 14Page - STMicroelectronics AN4157 Datasheet HTML 15Page - STMicroelectronics AN4157 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Peripheral firmware examples description
AN4157
12/24
Doc ID 023629 Rev 1
In this configuration the OPAMP1 amplifies the signal on PA5. The DAC peripheral is
configured to generate a sine wave signal on DAC_OUT2 (PA5) which will be amplified by
the OPAMP1. To monitor the signal:
●
Connect an oscilloscope to DAC_OUT2 (PA5) to display the sine wave signal
generated by the DAC.
●
Connect an oscilloscope to OPAMP1 Out (PA2) to display the amplified (by 2) sine
wave signal.
3.12
Current consumption example
3.12.1
Purpose
This example shows how to configure the STM32F30x or STM32F31x system to measure
different low-power mode current consumption. The low-power modes are:
●
Sleep mode
●
Stop mode with RTC
●
Standby mode with wake up pin (without RTC)
●
Standby mode with RTC
To select the low power modes to be measured, uncomment the corresponding line inside
the stm32f30x_lp_modes.h file.
Note:
STM32F30x or STM32F31x consumption can be measured on the STM32F3DISCOVERY
board by removing jumper JP3, labeled IDD, and connecting an ampermeter.
Note:
When using small packages (48 and 64 pin), the GPIO pins which are not present on these
packages must not be configured in analog mode.
3.12.2
Description
After reset, the program waits for the User button connected to PA0 to be pressed to enter
the selected low power mode.When the RTC is used, the wakeup from low power mode is
automatically generated by the RTC (after 5s).In Sleep mode and Standby mode, press
again the User button to exit the low power mode.
The different low power mode configurations are described below:
Sleep mode
●
System running at PLL (72 MHz)
●
A Flash memory wait state
●
Code running from Internal Flash memory
●
All peripherals disabled
●
Wakeup using EXTI Line (User push-button PA0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com