Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4169 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4169
Description  PCB design guidelines for the SPIRIT1 transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4169 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4169 Datasheet HTML 2Page - STMicroelectronics AN4169 Datasheet HTML 3Page - STMicroelectronics AN4169 Datasheet HTML 4Page - STMicroelectronics AN4169 Datasheet HTML 5Page - STMicroelectronics AN4169 Datasheet HTML 6Page - STMicroelectronics AN4169 Datasheet HTML 7Page - STMicroelectronics AN4169 Datasheet HTML 8Page - STMicroelectronics AN4169 Datasheet HTML 9Page - STMicroelectronics AN4169 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RF layout guidelines
AN4169
6/14
Doc ID 023704 Rev 1
2.3
PCB transmission line
Transmission lines maintain the chosen impedance, Z0, from a signal source to its load, and,
unlike all other interconnections, do not resonate however long they are. Transmission lines
can easily be made on PCBs by controlling materials and dimension and providing accurate
termination resistances at source and/or load. They may be also extended off the PCB with
appropriate controlled-impedance cables and connectors.
Comparing the length of a PCB track conductor with the wavelength of the highest
frequencies of concern in the relevant medium give us what is called “electrical length” of
the track. When a conductor is “electrically long”, transmission lines need to be used to
maintain the frequency response or to prevent excessive distortion of the wave shape.
Due to the very high frequency of the signal in the RF PCBs, a transmission line technique
must be used. Different types of transmission line structure were studied. The more simple
one commonly used in the RF PCBs is the microstrip trace. Figure 3 illustrates an example
of a PCB microstrip, where a trace on the top side of the board is isolated by the PCB
dielectric material from the ground plane layer. From a knowledge of the physical properties
of the PCB it is possible to construct a transmission line trace with the desired characteristic
impedance.
A different structure is shown in Figure 4. In this case, called grounded coplanar line, the
trace is isolated from the ground plane layer by the PCB dielectric, but also the track is near
to the ground plane in the same layer between an air gap.
A lot of formulas were developed to define the characteristic impedance of the two different
structures, but a presentation of these formulas are beyond the scope of this application
note.
The grounded coplanar structure guarantees a reduced sensitivity to the PCB thickness
variation. This also reduces radiation and coupling effects. Use 50
Ω grounded coplanar
lines to connect the SMA connector to the RF matching/filtering network and/or the RF
switch wherever possible.
Figure 3.
PCB microstrip structure
H
T
W
εr
AM14764V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com