Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4169 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4169
Description  PCB design guidelines for the SPIRIT1 transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4169 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4169 Datasheet HTML 6Page - STMicroelectronics AN4169 Datasheet HTML 7Page - STMicroelectronics AN4169 Datasheet HTML 8Page - STMicroelectronics AN4169 Datasheet HTML 9Page - STMicroelectronics AN4169 Datasheet HTML 10Page - STMicroelectronics AN4169 Datasheet HTML 11Page - STMicroelectronics AN4169 Datasheet HTML 12Page - STMicroelectronics AN4169 Datasheet HTML 13Page - STMicroelectronics AN4169 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
References
AN4169
12/14
Doc ID 023704 Rev 1
impedance is not critical. As a result, their recommended width is the smallest possible.
In this way, the parasitic capacitances to ground can be minimized.
●
The choke inductor (L0) must be placed as close to the TX pin of the RF IC as possible.
●
Inductors must be put perpendicular to each other to improve filter attenuation at higher
harmonic frequencies. If this is not possible, put the inductances in perpendicular, do
not place the inductors in parallel to each other.
●
Put the L7 and L8 inductors in perpendicular mode to avoid coupling. Put the smaller
capacitor of the battery capacity of SMPS filtering as close as possible to the choke
inductor (L0).
●
Put a ground plane internally to the SMPS loop to reduce the coupling between the
traces of the SMPS.
●
The smaller VDD bypass capacitor should be kept as close to the VDD pin as possible.
●
The exposed pad of the SPIRIT IC should be connected to the ground layer below with
the maximum number of vias possible. The exposed pad should also be connected to
the top layer ground metal to further improve RF grounding using also diagonal trace
connections where possible.
●
The crystal should be placed as close as possible to the SPIRIT IC. The crystal
capacitors should also be placed near to the crystal pads. This to ensure that wire
parasitic capacitances are kept as low as possible in order to reduce the frequency
offsets that may occur. Use only COG capacitors to stabilize the crystal frequency, due
to their poor value variation effected by the temperature variation.
●
Add large and continuous ground metallization on the top layer. To provide a good RF
ground, the RF voltage potential should be equal along the entire ground area because
this helps maintain good VDD filtering.
●
A three or four-layer board is strongly recommended. Put the ground layer very close to
the top layer to obtain a good ground plane reference. A thickness between the top
layer and ground layer of 0.2 mm or 0.3 mm is suggested.
●
If it is not possible to use a three or four-layer board, it is necessary to fill the area under
the RF part of the board (RF IC, TX matching and filtering network, RX balun and
SMPS section) with ground metal to reduce or eliminate radiation emissions. Board
routing and wiring should not be placed in this region to prevent coupling effects and to
ensure a good ground reference plane to the RF parts.
●
Connect all the ground metallization and/or layers with as many vias as possible. It is
also recommended that the ground return path between the ground vias of the TX and
RX networks and the ground vias of the SPIRIT IC should not be blocked in any way:
the return current should see a clear unhindered pathway through the ground plane to
the back of the SPIRIT IC.
5
References
1.
SPIRIT1 datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com