Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4169 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4169
Description  PCB design guidelines for the SPIRIT1 transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4169 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4169 Datasheet HTML 1Page - STMicroelectronics AN4169 Datasheet HTML 2Page - STMicroelectronics AN4169 Datasheet HTML 3Page - STMicroelectronics AN4169 Datasheet HTML 4Page - STMicroelectronics AN4169 Datasheet HTML 5Page - STMicroelectronics AN4169 Datasheet HTML 6Page - STMicroelectronics AN4169 Datasheet HTML 7Page - STMicroelectronics AN4169 Datasheet HTML 8Page - STMicroelectronics AN4169 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2012
Doc ID 023704 Rev 1
1/14
AN4169
Application note
PCB design guidelines for the SPIRIT1 transceiver
By Placido De Vita
Introduction
The SPIRIT1 is a very low power RF transceiver, intended for RF wireless applications in the
sub-1 GHz band. It is designed to operate both in the license-free ISM and SRD frequency
bands at 169, 315, 433, 868 and 915 MHz.
This application note is intended to accompany the reference designs and provide detailed
information regarding the design decisions employed within STMicroelectronics designs. In
addition, it details the design guidelines for developing a generic radio frequency application
using a SPIRIT1 device.
The RF performance and the critical maximum peak voltage, spurious and harmonic
emission, receiver matching strongly depend on the PCB layout as well as the selection of
the matching network components.
For optimal performance, STMicroelectronics recommends the use of the PCB layout
design hints described in the following sections. Also, but no less importantly,
STMicroelectronics strongly suggests using the BOM defined in the reference design which
guarantees, along with a good PCB design, the correct RF performance.
For further information, visit the STMicroelectronics web site at www.st.com.
www.st.com


Similar Part No. - AN4169

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4160 STMICROELECTRONICS-AN4160 Datasheet
423Kb / 14P
TVS devices for power line communication applications
30-Jun-2014
AN4163 STMICROELECTRONICS-AN4163 Datasheet
3Mb / 33P
This application note describes the demonstration board EVL4984-350W
20-Jun-2013
AN4164 STMICROELECTRONICS-AN4164 Datasheet
5Mb / 38P
This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
08-Feb-2013
AN4165 STMICROELECTRONICS-AN4165 Datasheet
3Mb / 37P
This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
18-Feb-2013
More results

Similar Description - AN4169

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN734 VISHAY-AN734 Datasheet
47Kb / 5P
Design Guidelines for the Low-Noise Low-Dropout Regulator Si9181
31-Oct-00
logo
Fairchild Semiconductor
AN4134 FAIRCHILD-AN4134 Datasheet
305Kb / 14P
Design Guidelines for Off-line Forward Converters
AN4146 FAIRCHILD-AN4146 Datasheet
376Kb / 24P
Design Guidelines for Quasi-Resonant Converters
AN-4150 FAIRCHILD-AN-4150 Datasheet
560Kb / 16P
Design Guidelines for Flyback Converters
logo
STMicroelectronics
AN4305 STMICROELECTRONICS-AN4305 Datasheet
1Mb / 20P
Using the SPIRIT1 transceiver with range extender
24-Oct-2013
AN3206 STMICROELECTRONICS-AN3206 Datasheet
287Kb / 14P
PCB design guidelines for the STM32W108 platform
16-Mar-2011
AN3317 STMICROELECTRONICS-AN3317 Datasheet
257Kb / 22P
PCB guidelines for SPEAr1340
06-Apr-2012
AN4630 STMICROELECTRONICS-AN4630 Datasheet
1Mb / 33P
PCB design guidelines for the BlueNRG and BlueNRG-MS devices
15-Jan-2015
logo
Fairchild Semiconductor
AN4137 FAIRCHILD-AN4137 Datasheet
422Kb / 20P
Design Guidelines
AN4149 FAIRCHILD-AN4149 Datasheet
312Kb / 19P
Design Guidelines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com