| Electronic Components Datasheet Search |
|
AN4169 Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4169 Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 14 page ![]() Design recommendations when using SPIRIT1 RF IC AN4169 10/14 Doc ID 023704 Rev 1 4 Design recommendations when using SPIRIT1 RF IC The SPIRIT1 uses a class-E type TX matching network with a typical output power level of +11 dBm. Two basic types of board layout configurations exist at all the frequency bands: the split TX/RX type and the direct tie type. In the split TX/RX type the TX and RX paths are separated and connected together by an antenna switch. In the direct tie type the RX and TX paths are connected together directly without an additional RF switch. In this application note the direct tie type is explored. The schematic of the SPIRIT1 direct tie type application board is shown in Figure 6. The layout of the critical zone of the SPIRIT1 direct tie type is shown in Figure 7. Figure 6. SPIRIT1 direct tie type application board schematic AM14763V1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |