Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4472 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4472
Description  STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4472 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4472 Datasheet HTML 6Page - STMicroelectronics AN4472 Datasheet HTML 7Page - STMicroelectronics AN4472 Datasheet HTML 8Page - STMicroelectronics AN4472 Datasheet HTML 9Page - STMicroelectronics AN4472 Datasheet HTML 10Page - STMicroelectronics AN4472 Datasheet HTML 11Page - STMicroelectronics AN4472 Datasheet HTML 12Page - STMicroelectronics AN4472 Datasheet HTML 13Page - STMicroelectronics AN4472 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Hardware layout and configuration
AN4472
10/44
DocID026198 Rev 1
The FPGA state machine can be also controlled by an external digital device through the
FPGA USER I/O connector (J7); see Table 28 for the relative naming and pin-out
positioning.
To enable remote control of the board through an external device, the REMOTE_ENABLE
pin must be set high. The waveform program can be selected by setting the PROG<3:0>
port. If an uninstalled program is selected, the ERROR output signal goes high. Also, the
idle state can be selected through the IDLE_SEL<1:0> port. If remote control is enabled, the
Program, Start and Stop buttons are disabled.
A waveform program can be started by means of the REMOTE_START signal (active high)
and stopped by setting high the REMOTE_STOP signal. Either the FPGA reset (SW5) or
REMOTE_RESET signal can be used to reset the FPGA.
Some internal FPGA control signals can be monitored through the FPGA USER I/O
connector (regardless of whether remote control is enabled or disabled). Figure 4 and
Figure 5 show the expected behavior of these timing control signals.
Figure 4. FPGA timing control signals (beginning of cycle n)
Figure 5. FPGA timing control signals (ending of cycle n)
D5
Red
ERROR
An error has occurred during FPGA state machine
execution.
D23
Green
DONE
The FPGA has been successfully configured.
D6-D21
Yellow
PROG 0-15
The corresponding program is selected
Table 7. FPGA LED (continued)
Color
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com