Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4486 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4486
Description  This application note describes the BlueNRG and BlueNRG-MS over-the-air
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4486 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4486 Datasheet HTML 7Page - STMicroelectronics AN4486 Datasheet HTML 8Page - STMicroelectronics AN4486 Datasheet HTML 9Page - STMicroelectronics AN4486 Datasheet HTML 10Page - STMicroelectronics AN4486 Datasheet HTML 11Page - STMicroelectronics AN4486 Datasheet HTML 12Page - STMicroelectronics AN4486 Datasheet HTML 13Page - STMicroelectronics AN4486 Datasheet HTML 14Page - STMicroelectronics AN4486 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AN4486
OTA bootloader service description
DocID026293 Rev 2
11/29
Where:
VECTOR_TABLE_BASE_DFU_OFFSET = 0x3000 (DFU size).
VECTOR_TABLE_BASE_RESET_MANAGER_OFFSET = 0x800 (Reset Manager size).
2.3
OTA bootloader service manager (standalone OTA
bootloader application)
A simpler approach coming from the BLE OTA service architecture described in Figure 2:
"BLE OTA service bootloader", consist of using a basic OTA Service Manager application
which only includes the BLE OTA service & characteristics.
Figure 4: BLE OTA Service Manager Flash layout
(1 ) It assumes DFU.hex application is on Flash base address 0x8000000.
The BLE OTA Service Manager architecture includes the following components:
Reset manager
This should start after reset and pass control to the latest updated & valid BLE
application.
OTA Service Manager
This contains only the BLE OTA service & characteristics and provides the OTA
bootloader capability to any BLE application.
New BLE application
This is the application image downloaded through the OTA Service Manager.
It does not require that the OTA bootloader service be included.
In order to use this capability, the BLE application must activate the OTA Service
Manager (a specific API Switch_To_OTA_Service_Manager_Application()
function is provided within btl.c file).
It is always placed at fixed Flash address: 0x8006800 .
2.3.1
Reset Manager
Refer to Section 2.2.1: "Reset Manager".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com