Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4486 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4486
Description  This application note describes the BlueNRG and BlueNRG-MS over-the-air
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4486 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4486 Datasheet HTML 13Page - STMicroelectronics AN4486 Datasheet HTML 14Page - STMicroelectronics AN4486 Datasheet HTML 15Page - STMicroelectronics AN4486 Datasheet HTML 16Page - STMicroelectronics AN4486 Datasheet HTML 17Page - STMicroelectronics AN4486 Datasheet HTML 18Page - STMicroelectronics AN4486 Datasheet HTML 19Page - STMicroelectronics AN4486 Datasheet HTML 20Page - STMicroelectronics AN4486 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AN4486
Running the OTA bootloader GUI & BlueNRG
SW package demo applications
DocID026293 Rev 2
17/29
connect and play with the Sensor Demo application just loaded on the
development platform at step 2.b. Just to verify that an ordinary BLE
application has services coexisting with the OTA bootloader service which will
run next.
e.
(Optional) If actions at step 2.d were taken, disconnect the “BlueNRG app for
smart phones (IoS or Android)” enabled device from the development kit
platform. The Sensor Demo application will be disconnected and it will start
advertising. This will make this application a potential candidate for a BLE
OTA upgrade through the BlueNRG GUI.
3
Program the second platform with the required application to be used with the BlueNRG
GUI (BlueNRG_VCOM_x_x.hex file available on the BlueNRG DK SW package, on
Firmware\STM32L1_prebuilt_images folder).
4
Open the BlueNRG GUI on the PC and select the COM port related to the BlueNRG
platform configured in step 3, through the drop-
down “Port” and press “Open”.
5
Select “Tools” -> “OTA bootloader” to open the dialog box containing the OTA
bootloader actions and press “Search for devices”.
Figure 5: BlueNRG GUI: OTA Bootloader window
6
After “Search for devices”, the GUI will start the discovery process and return
information related to the address and application names of devices running the OTA
bootloader service within the radio range. Once the previous process ends, the device
list can be opened through the combo box arrow below the “Search for devices” button,
and the user is free to choose the device to connect for the bootloader process using
the “Connect” button (application address & names are displayed). In scenarios where
device address and application running are not enough to identify the right device, we
recommend to implement a connection active indicator on slave devices running the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com