Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4486 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4486
Description  This application note describes the BlueNRG and BlueNRG-MS over-the-air
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4486 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4486 Datasheet HTML 8Page - STMicroelectronics AN4486 Datasheet HTML 9Page - STMicroelectronics AN4486 Datasheet HTML 10Page - STMicroelectronics AN4486 Datasheet HTML 11Page - STMicroelectronics AN4486 Datasheet HTML 12Page - STMicroelectronics AN4486 Datasheet HTML 13Page - STMicroelectronics AN4486 Datasheet HTML 14Page - STMicroelectronics AN4486 Datasheet HTML 15Page - STMicroelectronics AN4486 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
OTA bootloader service description
AN4486
12/29
DocID026293 Rev 2
2.3.2
OTA Service Manager
The OTA Service Manager acts as a standalone OTA bootloader providing the BLE OTA
service to any BLE application which wants to use bootloader features without the need to
include any OTA capability.
The OTA Service Manager application IAR projects + header & source files are provided
within the BlueNRG SW package on Project folder, as follows:
1.
OTA_ServiceManager\EWARM\OTA_ServiceManager.eww for the BlueNRG device.
2.
OTA_ServiceManager\EWARM_BlueNRG-MS\OTA_ServiceManager.eww for the
BlueNRG-MS device.
The OTA Service Manager application uses the platform LEDs as follows:
Table 4: LEDs for BlueNRG OTA Service Manager
BlueNRG, BlueNRG-MS development
platforms
BlueNRG, BlueNRG-MS USB dongles
DL1 (yellow) is always blinking (1)
D2 (red) is always blinking (1)
DL2 (orange) is ON during OTA upgrade
D3 (orange) is ON during OTA upgrade
Notes:
(1)When device is connected, the LED blinks faster.
2.3.3
New BLE application
A BLE application which wants to use the OTA Service Manager capability is only required
to address these basic steps:
1.
On EWARM workspace, add ST_OTA_BASIC_APPLICATION preprocessor & linker
option
2.
On EWARM workspace, use the reference stm32l1xx_flash.icf linker file for matching
the Flash layout described in Figure 4: "BLE OTA Service Manager Flash layout" (it is
provided within the BlueNRG SW package, demo applications folder)
3.
On EWARM workspace, add reference to file btl.c and add path related to btl.h file
4.
On BLE user application, include the header file btl.h
5.
Add some user code for allowing BLE application to launch the OTA Service Manager
application. A simple button could be used for controlling the call to
Switch_To_OTA_Service_Manager_Application (this API is provided within btl.c file).
Note: When using the OTA Service Manager, the BLE application does not need to include
any OTA bootloader service. Also, the application can always be placed at fixed base
address 0x08006200. The related vector table base offset 0x6800 is defined within file
btl.h, as follows:
VECTOR_TABLE_BASE_DFU_OFFSET +
VECTOR_TABLE_BASE_RESET_MANAGER_OFFSET +
VECTOR_TABLE_BASE_ADDRESS_OTA_BASIC_APP
where:
VECTOR_TABLE_BASE_DFU_OFFSET = 0x3000 (DFU size).
VECTOR_TABLE_BASE_RESET_MANAGER_OFFSET = 0x800 (Reset Manager size).
VECTOR_TABLE_BASE_ADDRESS_OTA_BASIC_APP = 0x3000 (OTA Service Manager
size).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com