Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4486 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4486
Description  This application note describes the BlueNRG and BlueNRG-MS over-the-air
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4486 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4486 Datasheet HTML 16Page - STMicroelectronics AN4486 Datasheet HTML 17Page - STMicroelectronics AN4486 Datasheet HTML 18Page - STMicroelectronics AN4486 Datasheet HTML 19Page - STMicroelectronics AN4486 Datasheet HTML 20Page - STMicroelectronics AN4486 Datasheet HTML 21Page - STMicroelectronics AN4486 Datasheet HTML 22Page - STMicroelectronics AN4486 Datasheet HTML 23Page - STMicroelectronics AN4486 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Running the OTA bootloader GUI & BlueNRG SW
package demo applications
AN4486
20/29
DocID026293 Rev 2
8
The process is complete when the status indicator reaches 100%, as shown below.
Figure 8: BlueNRG GUI: OTA Bootloader upgrade completed
If we observe the slave board, we will find a change of color in the flashing LEDs notifying
us that a new application is running. Tools such as the STM32 STLink utility can be used to
check downloaded Flash memory regions on upgraded devices against the image within
the selected binary files. After disconnection from the master, we can re-check the new
version of the Sensor Demo functions against a “BlueNRG app for smartphones (IoS or
Android)” as performed in step 2, optional items.
Note: A similar procedure can be used for the BlueNRG BLE_Chat demo application in
order to verify the BLE OTA bootloader service functions (refer to the
BLE_Chat\EWARM\BLE_Chat.eww, Server_LowerApp_OTA, Server_HigherApp_OTA
workspaces for BlueNRG device and to BLE_Chat\EWARM_BlueNRG-MS\BLE_Chat.eww,
Server_LowerApp_OTA, Server_HigherApp_OTA workspaces for BlueNRG-MS device).
4.2
BLE application built to use the BLE OTA Service Manager
The following is a step-by-step description of how to run the BlueNRG GUI OTA bootloader
using the BlueNRG OTA Service Manager and Sensor Demo, OTA_Basic workspace:
1
Plug the two developments platforms into the USB connectors on a PC.
2
Use the BlueNRG GUI to program one of the two platforms kits to be used as OTA
bootloader slave. This requires plugging the board into the USB connector on the
PC running the GUI, then pressing the platform reset button while keeping the
BUTTON_1 pressed in order to start the DFU bootloader (LED_D2 should be
blinking at this point).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com