Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1560 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1560
Description  STEVAL-IPC004V1: handheld point-of-sale (POS) based on the STM32F1 series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1560 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1560 Datasheet HTML 2Page - STMicroelectronics UM1560 Datasheet HTML 3Page - STMicroelectronics UM1560 Datasheet HTML 4Page - STMicroelectronics UM1560 Datasheet HTML 5Page - STMicroelectronics UM1560 Datasheet HTML 6Page - STMicroelectronics UM1560 Datasheet HTML 7Page - STMicroelectronics UM1560 Datasheet HTML 8Page - STMicroelectronics UM1560 Datasheet HTML 9Page - STMicroelectronics UM1560 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
Getting started
UM1560
6/59
DocID023545 Rev 1
BT1 (battery connector):
BT1 is the optional battery connector, which connects the battery to the system and its
specifications are: 7.2 V, 2 A.
J12 (power jack connector):
J12, power jack connector, connects the external DC supply to the system (2.5 A power
supply); the default supply is 5 V, 2.5 A. However, the print quality of the thermal printer can
be improved if a higher voltage: 7 V, 2.5 A is connected.Therfore, J12 should be connected
manually to the appropriate external power supply. The maximum DC input should be less
than 10 V for safe operation.
J14 (USB micro AB connector):
J14 is used for USB operation to connect to PC or to connect to USB scanner. J2 (DFU
connector) enables DFU mode to upgrade the firmware.
1.4
Software installation
The latest version of the PC application software can be downloaded from St’s official
website.
To install the PC-based STEVAL-IPC004V1 server application software, follow below steps:
• Step 1: click the setup.exe icon and the following window appears.
Figure 2. Component dependency
This window appears if SQL server 2005 is not installed in your system. So, click “Install” to
start the installation as shown in
Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com