Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1560 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1560
Description  STEVAL-IPC004V1: handheld point-of-sale (POS) based on the STM32F1 series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1560 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1560 Datasheet HTML 20Page - STMicroelectronics UM1560 Datasheet HTML 21Page - STMicroelectronics UM1560 Datasheet HTML 22Page - STMicroelectronics UM1560 Datasheet HTML 23Page - STMicroelectronics UM1560 Datasheet HTML 24Page - STMicroelectronics UM1560 Datasheet HTML 25Page - STMicroelectronics UM1560 Datasheet HTML 26Page - STMicroelectronics UM1560 Datasheet HTML 27Page - STMicroelectronics UM1560 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
Using the STEVAL-IPC004V1 for transactions
UM1560
24/59
DocID023545 Rev 1
5
Using the STEVAL-IPC004V1 for transactions
To perform the transaction, follow below steps.
Power up the board and the following message appears:
'Welcome to'
'STMicroelectronics'
After few seconds, the following menu shows modes to be selected on the LCD:
'Normal Mode'
'USB Mode'
'REPORT'
'GPRS DEMO'
'SELF DIAG'
'REG MODE"
Please wait for 3-4 minutes (for GPRS connectivity stabilization) press 'D' (enter) key to
select modes.
Note:
Don't leave the board in idle status for long time during a transaction. In fact, after a while
the board goes to screensaver mode and the transaction has to be deleted by pressing “C”
cancel key.
5.1
Starting transaction
Selecting “Normal Mode”, the transaction mode is automatically set and the following
message can be read on the LCD screen.
'New Transaction Started'
After few seconds, below message appears:
'Add Items using Keypad or Scanner'
5.2
Adding item to the transaction table
Currently the item information can be retrieved from the STEVAL-IPC004V1 using the bar
code assigned for each item. The current system supports up to 5000 types of item
information which is stored in the onboard memory. This can be easily customized.
An external bar code scanner is used to add item information. Alternatively, the bar code
info can be added using the keypad as well. Please make sure that bar code scanner is
connected to USB connector of the board before powering the board.
Once the bar code information is entered (for example: press button 3), the following
message appears:
'ITEM BARCODE'.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com