Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1560 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1560
Description  STEVAL-IPC004V1: handheld point-of-sale (POS) based on the STM32F1 series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1560 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1560 Datasheet HTML 1Page - STMicroelectronics UM1560 Datasheet HTML 2Page - STMicroelectronics UM1560 Datasheet HTML 3Page - STMicroelectronics UM1560 Datasheet HTML 4Page - STMicroelectronics UM1560 Datasheet HTML 5Page - STMicroelectronics UM1560 Datasheet HTML 6Page - STMicroelectronics UM1560 Datasheet HTML 7Page - STMicroelectronics UM1560 Datasheet HTML 8Page - STMicroelectronics UM1560 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
May 2014
DocID023545 Rev 1
1/59
UM1560
User manual
STEVAL-IPC004V1: handheld point-of-sale (POS)
based on the STM32F1 series
Introduction
This user manual describes the functioning of the handheld point-of-sale system (the
STEVAL-IPC004V1) based on the STM32F1 series.
The system consists of the inbuilt thermal printer, external bar code scanner, memory
interface, LCD display, rechargeable battery supply system and many other features.
This system works like a typical POS. It catches the item information thanks to a USB-based
bar code scanner and after processing the information, adds it to the transaction record.
There are 2 methods of payment: smart card/ magnetic card interface over GPRS or cash
through keypad. The thermal printer prints the sales report and the result is recorded in the
onboard memory. The STEVAL-IPC004V1 operates from a 5 V adaptor, which is connected
to the board through the power jack provided. The system also comes with a PC-based
server application which has various access levels to control the STEVAL-IPC004V1
activities such as registration, the loading of item allotment tables in the internal memory,
and the storage of sales data for future reference. The server keeps sales data in the
database up to 2 months and it also monitors the STEVAL-IPC004V1 health status and
accordingly enables/disables its functioning. For human interaction, there is a keypad with
16 keys allowing a flexible interface. Finally, the system can be customized to include
interfaces such as: smart card, GPRS as per customer requests.
Figure 1. STEVAL-IPC004V1 evaluation board
www.st.com


Similar Part No. - UM1560

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1560DA UNIONSEMI-UM1560DA Datasheet
416Kb / 13P
8V Input, Low Quiescent Current Linear Regulator
UM1560DB UNIONSEMI-UM1560DB Datasheet
416Kb / 13P
8V Input, Low Quiescent Current Linear Regulator
UM1560S UNIONSEMI-UM1560S Datasheet
416Kb / 13P
8V Input, Low Quiescent Current Linear Regulator
More results

Similar Description - UM1560

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFV002V1 STMICROELECTRONICS-STEVAL-IFV002V1 Datasheet
156Kb / 6P
STEVAL-IFV002V1 IPCAM extension board based on the STM32F107VC
22-Sep-2010
logo
List of Unclassifed Man...
AS3911-BQFT-1K ETC2-AS3911-BQFT-1K Datasheet
286Kb / 2P
NFC for Point of Sale
logo
STMicroelectronics
UM1040 STMICROELECTRONICS-UM1040 Datasheet
896Kb / 19P
STEVAL-SPIMD20 demonstration kit based on the SPIMD20 integrated motor drive
21-Dec-2011
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
The STEVAL-IFN004V1 is a demonstration board based
21-Dec-2011
AN3961 STMICROELECTRONICS-AN3961 Datasheet
2Mb / 46P
STEVAL-IME003V1 demonstration board based on the STHV748 ultrasound pulser
29-Apr-2014
AN4471 STMICROELECTRONICS-AN4471 Datasheet
1Mb / 39P
STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
22-Oct-2014
AN4472 STMICROELECTRONICS-AN4472 Datasheet
6Mb / 44P
STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
10-Dec-2014
logo
Cherry Semiconductor Co...
G81-8040 CHERRY-G81-8040 Datasheet
98Kb / 2P
POINT OF SALE
logo
STMicroelectronics
STEVAL-IPC004V1 STMICROELECTRONICS-STEVAL-IPC004V1 Datasheet
413Kb / 14P
Handheld point-of-sale (POS) based on the STM32F107VC
October 2012 Rev 1
UM1502 STMICROELECTRONICS-UM1502 Datasheet
814Kb / 23P
STEVAL-MKI111V1 - water level detection based on the LPS001WP MEMS pressure sensor
16-Mar-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com