Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1560 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1560
Description  STEVAL-IPC004V1: handheld point-of-sale (POS) based on the STM32F1 series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1560 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1560 Datasheet HTML 21Page - STMicroelectronics UM1560 Datasheet HTML 22Page - STMicroelectronics UM1560 Datasheet HTML 23Page - STMicroelectronics UM1560 Datasheet HTML 24Page - STMicroelectronics UM1560 Datasheet HTML 25Page - STMicroelectronics UM1560 Datasheet HTML 26Page - STMicroelectronics UM1560 Datasheet HTML 27Page - STMicroelectronics UM1560 Datasheet HTML 28Page - STMicroelectronics UM1560 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
DocID023545 Rev 1
25/59
UM1560
Using the STEVAL-IPC004V1 for transactions
59
If entered bar code is not present, the below message appears:
'Wrong Item Bar code'
Then the correct bar code has to be entered.
Now press “D” enter key and the following message is displayed:
'3000000000000000'
Press Enter to proceed'.
Press “D” enter key to be added to the current transaction. In each transaction, around 100
different item types can be inserted.
Now the following message appears:
'SN
ITEM
QNT
INR'
1.
Cheese 001
0040'
Total Amt =
0040.0 R
By pressing “A” complete key, the payment mode selection is requested.
Further quantity of the same item can be added. For example, if 2 pieces of cheese have to
be bought, then item bar code has to be added as shown below:
'SN
ITEM
QNT
INR'
1.
Cheese 002
0080'
Total Amt =
0080.0 R
By pressing “A” complete key, the payment mode selection is asked.
5.3
Completing the transaction
To complete the transaction, press “A” complete key. This forces the STEVAL-IPC004V1 to
compile the current transaction list and asks for the payment mode which is shown as
follows:
'1) Cash Mode
2) Card Mode'
Select the payment mode using “*” up and “#” down key and then press “D” enter key.
5.4
Payment
5.4.1
Cash mode
If the cash mode has been selected, the amount has been entered using the keypad. The
LCD display also shows the total amount required.
Press “D” enter key. The recording of the current traction is carried out in the memory and
once it is completed, the following message can be read:
'Amt Rec. = 0030.0 R
Total Amt. = 0027.0 R
Change
= 0003.0 R'
Now press “D” enter key to get the transaction slip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com