Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1657 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1657
Description  SPIRIT1 development kit
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1657 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1657 Datasheet HTML 1Page - STMicroelectronics UM1657 Datasheet HTML 2Page - STMicroelectronics UM1657 Datasheet HTML 3Page - STMicroelectronics UM1657 Datasheet HTML 4Page - STMicroelectronics UM1657 Datasheet HTML 5Page - STMicroelectronics UM1657 Datasheet HTML 6Page - STMicroelectronics UM1657 Datasheet HTML 7Page - STMicroelectronics UM1657 Datasheet HTML 8Page - STMicroelectronics UM1657 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
November 2013
DocID025094 Rev 1
1/48
UM1657
User manual
SPIRIT1 development kit
Introduction
The SPIRIT1 DK is a complete software package to support SPIRIT1 RF evaluation and
development. It contains a SPIRIT1 DK GRAPHICAL USER INTERFACE (SPIRIT1 DK -
GUI) which allows checking the SPIRIT1 main performance and easily measure parameters
such as sensitivity, output power and main features of the SPIRIT1. It also contains SPIRIT1
firmware libraries for STM32L and STM8L to allow development of SPIRIT1 applications. In
addition, it contains a Wireless M-BUS library with documentation and example applications
to allow development of Wireless M-BUS application based on the SPIRIT1.
www.st.com


Similar Part No. - UM1657

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1650 UNIONSEMI-UM1650 Datasheet
670Kb / 18P
350mA, Micropower, Very Low Dropout Linear Regulator
UM16512 UNIONSEMI-UM16512 Datasheet
253Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM16513 UNIONSEMI-UM16513 Datasheet
253Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM16515 UNIONSEMI-UM16515 Datasheet
253Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM16518 UNIONSEMI-UM16518 Datasheet
253Kb / 7P
300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM1657

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
CP250X DEVELOPMENT KIT
logo
STMicroelectronics
STEVAL-IKR001V1 STMICROELECTRONICS-STEVAL-IKR001V1 Datasheet
246Kb / 4P
Sub-GHz transceiver development kit based on the SPIRIT1 (169 MHz band)
01-Aug-2012
STEVAL-IKR001V2 STMICROELECTRONICS-STEVAL-IKR001V2 Datasheet
244Kb / 4P
Sub-GHz transceiver development kit based on the SPIRIT1 (315 MHz band)
02-Aug-2012
STEVAL-IKR001V3 STMICROELECTRONICS-STEVAL-IKR001V3 Datasheet
242Kb / 4P
Sub-GHz transceiver development kit based on the SPIRIT1 (433 MHz band)
02-Aug-2012
STEVAL-IKR001V4 STMICROELECTRONICS-STEVAL-IKR001V4 Datasheet
237Kb / 4P
Sub-GHz transceiver development kit based on the SPIRIT1 (868 MHz band)
02-Aug-2012
STEVAL-IKR001V5 STMICROELECTRONICS-STEVAL-IKR001V5 Datasheet
91Kb / 4P
Sub-GHz transceiver development kit based on the SPIRIT1 (915 MHz band)
25-Oct-2012
STEVAL-IKR001V6 STMICROELECTRONICS-STEVAL-IKR001V6 Datasheet
239Kb / 4P
Sub-GHz transceiver development kit based on the SPIRIT1 (920 MHz band)
02-Aug-2012
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
Development Kit
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
916.5MHz Development kit
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
Qseven Development Kit
6-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com