| Electronic Components Datasheet Search |
|
UM1657 Datasheet(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1657 Datasheet(HTML) 30 Page - STMicroelectronics |
|
30 / 48 page ![]() SPIRIT1 DK - GUI description UM1657 30/48 DocID025094 Rev 1 checked, the microcontroller find automatically the XTAL frequency and the text box is only read. Otherwise, if the AUTO check box is not checked, the user must write the correct XTAL frequency value. By pressing the "Configure radio" button, all the values are sent to the SPIRIT1 DK - DB and then read and dis-played for the user. Figure 18. Radio setting panel 3.2.4 RF test mode Some useful commands are available to put the SPIRIT1 DK - DB in test mode: TX CW and TX PN9. Figure 19. RF test mode buttons Both tests require only one device connected to PC. 3.2.5 TX CW test This test mode can be active using the following steps: 1. Select the desired radio settings and load it by pressing the "Configure radio" button 2. Pressing the "TX CW START" button. This test mode makes SPIRIT1 DK - DB transmits a continuous wave (CW) at the selected frequency and with the selected output power. The user can measure the output signal at the suitable SMA connector or the TX state current consumption. The SPIRIT1 DK - DB stays in TX state until the "TX CW STOP" button is pressed. When the user wants to change frequency or output power, the running test must be stopped first and then re-peat steps 1 and 2 selecting the desired frequency or output power during step 1. 3.2.6 TX PN9 test This test mode can be activated using the following steps: |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |