Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1657 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1657
Description  SPIRIT1 development kit
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1657 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1657 Datasheet HTML 6Page - STMicroelectronics UM1657 Datasheet HTML 7Page - STMicroelectronics UM1657 Datasheet HTML 8Page - STMicroelectronics UM1657 Datasheet HTML 9Page - STMicroelectronics UM1657 Datasheet HTML 10Page - STMicroelectronics UM1657 Datasheet HTML 11Page - STMicroelectronics UM1657 Datasheet HTML 12Page - STMicroelectronics UM1657 Datasheet HTML 13Page - STMicroelectronics UM1657 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Hardware description
UM1657
10/48
DocID025094 Rev 1
battery holder in the rear of the board and the jumper JP1 must be set in position 2-3.
When the board is powered, the green LED DL6 is ON, Figure 1 (C).
If needed, the board can be powered by an external DC power supply. Connect the positive
output of the power supply to the central pin of JP1 (pin 2) and the ground to one of the four
test point connectors on the motherboard.
1.1.4
Sensors
Two sensors are available on the motherboard:
–
LIS3DH, an ultra-low power high performance three axes linear accelerometer (D
in Figure 1). The sensor is connected to the STM32L through the SPI interface.
Two lines for interrupts are also connected.
–
STLM75, a high precision digital CMOS temperature sensor, with I²C interface (E
in Figure 1). The pin for the alarm function is connected to one of the STM32L
GPIOs.
1.1.5
Extension connector
There is the possibility to solder a connector on the motherboard to extend its functionality
(F in Figure 1). 16 pins of the microcontroller are connected to this expansion slot (Table 1).
1.1.6
Daughter board test point
In M Figure 1, a row of test point is available to the user for debugging and testing. The list
of signals available is:
1.
GND
2.
VDD
3.
GPIO SDN (the pin to drive in SHUTDOWN the SPIRIT1)
4.
SPI CSn
5.
SPI MISO
6.
SPI MOSI
7.
SPI SCKL
8.
SPIRIT1 GPIO2
9.
SPIRIT1 GPIO3
10. SPIRIT1 GPIO1
11. SPIRIT1 GPIO0
12. GND.
1.1.7
Push buttons and joystick
For user interaction the board has two buttons and a joystick. One is to reset the
microcontroller; the other one is available to the application. There is also a digital joystick
with 4 possible positions (left, right, up, down) (G in Figure 1).
1.1.8
JTAG connector
A JTAG connector on the board (H in Figure 1) allows programming and debugging of the
STM32L microcontroller on board, using an in-circuit debugger and programmer like the ST-
LINK/V2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com